Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSR120 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part No. TSR120
Description  1.0 A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TSR120 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TSR120 Datasheet HTML 1Page - TAITRON Components Incorporated TSR120 Datasheet HTML 2Page - TAITRON Components Incorporated TSR120 Datasheet HTML 3Page - TAITRON Components Incorporated TSR120 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/JJ 2007-06-10
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAIT-FAX
(800)-824-8329
(661)-257-6415
TSR120 –TSR1100
1.0 A SCHOTTKY
BARRIER RECTIFIER
1.0 A Schottky Barrier Rectifiers
Features
• Low Forward Voltage Drop
• Low Power Loss, High Efficiency
• High Surge Current Capability
• High temperature soldering guaranteed:
250° C/10 seconds, /.0375" (9.5mm) lead length
• RoHS compliant
Mechanical Data
Case:
DO-41, Molded Plastic
Epoxy:
UL 94V-0 Rate Flame Retardant
Polarity:
Color Band Denotes Cathode End
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 Guaranteed
Weight:
0.33 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
TSR
120
TSR
130
TSR
140
TSR
150
TSR
160
TSR
190
TSR
1100
Unit
VRRM
Max. recurrent peak reverse voltage
20
30
40
50
60
90
100
V
VRMS
Max. RMS voltage
14
21
28
35
42
63
70
V
VDC
Max. DC blocking voltage
20
30
40
50
60
90
100
V
Io(AV)
Max. average forward rectified current (FIG.1)
1.0
A
IFSM
Peak forward surge current (JEDEC)
40
A
VF
Max. instantaneous forward voltage at 1.0A
0.55
0.70
0.85
V
TA =25°C
0.5
IR
Max. DC reverse
current at rated DC
blocking voltage
TA =100°C
10.0
mA
RθJA
Typical thermal resistance, Junction to
Ambient (Note1)
50
° C/W
CJ
Typical Junction Capacitance @VR=4.0V,
1MHz (Note2)
110
80
pf
TJ
Operating junction temperature range
-50 to +125
-50 to +150
° C
TSTG
Storage Temperature Range
-65 to +150
° C
DO-41


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn