Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 25 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 25 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
Observation
Address: 0x2e
Access: Read/Write
Reset Value: Undefined
Bit
7
654
3
2
1
0
Field
MODE1
MODE0
Reserved
Reserved
OBS3
OBS2
OBS1
OBS0
Data Type: Bit field
USAGE: Register 0x2e provides bits that are set every frame. It can be used during EFTB testing
to check that the chip is running correctly. Writing anything to this register will clear the bits.
Reserved
Address: 0x2f-0x39
POWER_UP_RESET
Address: 0x3a
Access: Write
Reset Value: Undefined
Bit
7
654
3
2
1
0
Field
RST7
RST6
RST5
RST4
RST3
RST2
RST1
RST0
Data Type: 8-bit integer
USAGE: Write 0x5A to this register to reset the chip. All settings will revert to default values.
Field Name Description
MODE1-0
Mode Status: Reports which mode the sensor is in.
00 = Run
01 = Rest1
10 = Rest2
11 = Rest3
OBS3-0
Set every frame
Inverse_Revision_ID
Address: 0x3e
Access: Read
Reset Value: 0xFD
Bit
7
654
3
2
1
0
Field
NRID7
NRID6
NRID5
NRID4
NRID3
NRID2
NRID1
NRID0
Data Type: Inverse 8-Bit unsigned integer
USAGE: This value is the inverse of the Revision_ID. It can be used to test the SPI port.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn