Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
24
Reserved
Address: 0x12-0x2d
Configuration_bits
Address: 0x11
Access: Read/Write
Reset Value: 0x03
Bit
7
654
3
2
1
0
Field
RES
Reserved
RESTEN1
RESTEN0
Reserved
Reserved
Reserved
Reserved
Data Type: Bit field
USAGE: Register 0x11 allows the user to change the configuration of the sensor. Setting the
RESTEN bit forces the sensor into Rest mode, as described in the power modes section above.
The RES bit allows selection between 400 and 800 cpi resolution.
Note: Forced Rest has a long wakeup time and should not be used for power management during
normal mouse motion.
Field Name Description
RESTEN1-0 Puts chip into Rest mode
00 = normal operation
01 = force Rest1
10 = force Rest2
11 = force Rest3
RES
Sets resolution
0 = 400
1 = 800
Self_Test
Address: 0x10
Access: Write
Reset Value: NA
Bit
7
654
3
2
1
0
Field
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TESTEN
Data Type: Bit field
USAGE: Set the TESTEN bit in register 0x10 to start the system self-test. The test takes 250ms.
During this time, do not write or read through the SPI port. Results are available in the CRC0-3
registers. After self-test, reset the chip to start normal operation.
Field Name
Description
TESTEN
Enable System Self Test
0 = Disable
1 = Enable


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn