Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
Shutter_Upper
Address: 0x06
Access: Read
Reset Value: Undefined
Bit
765
4
3
2
1
0
Field
S15
S14
S13
S12
S11
S10
S9
S8
Shutter_Lower
Address: 0x07
Access: Read
Reset Value: Undefined
Bit
7
654
3
2
1
0
Field
S7
S6
S5
S4
S3
S2
S1
S0
Data Type: Sixteen bit unsigned integer.
USAGE: Units are clock cycles. Read Shutter_Upper first, then Shutter_Lower. They should be
read consecutively. The shutter is adjusted to keep the average and maximum pixel values
within normal operating ranges. The shutter value is automatically adjusted.
Shutter
20
30
40
50
60
70
80
90
100
110
120
Count
figure 23. Shutter values (white paper)
Mean Shutter vs Z (white Paper)
0
50
100
150
200
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
Delta from Nominal Focus (mm)
Figure 24. Mea n Shutter vs. Z (white paper)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn