Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15
Registers
The ADNS-3040 registers are accessible via the serial port. The registers are used to read motion
data and status as well as to set the device configuration.
Address
Register
Read/Write
Default Value
0x00
Product_ID
R
0x0D
0x01
Revision_ID
R
0x02
0x02
Motion
R/W
0x00
0x03
Delta_Y
R
Any
0x04
Delta_X
R
Any
0x05
SQUAL
R
Any
0x06
Shutter_Upper
R
Any
0x07
Shutter_Lower
R
Any
0x08
Maximum_Pixel
R
Any
0x09
Pixel_Sum
R
Any
0x0a
Minimum_Pixel
R
Any
0x0b
Pixel_Grab
R/W
Any
0x0c
CRC0
R
Any
0x0d
CRC1
R
Any
0x0e
CRC2
R
Any
0x0f
CRC3
R
Any
0x10
Self_Test
W
0x11
Configuration_Bits
R/W
0x03
0x12-0x2d
Reserved
0x2e
Observation
R/W
Any
0x2f-0x38
Reserved
0x3a
POWER_UP_RESET
W
0x3b-0x3d
Reserved
0x3e
Inverse_Revision_ID
R
0xFD
0x3f
Inverse_Product_ID
R
0xF2
0x42
Motion_Burst
R
Any


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn