Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
DC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD=2.6 V.
Parameter
Symbol Minimum Typical
Maximum
Units
Notes
DC Supply Current in
various modes
IDD_RUN
IDD_REST1
IDD_REST2
IDD_REST3
2.9
0.5
0.1
0.03
10
1.8
0.4
0.15
mA
Average current, including LED
current. No load on MISO,
MOTION.
Peak Supply Current
40
mA
Peak current in 100kHz
bandwidth, including LED current.
Shutdown Supply Current
IDDSTDWN
112
µA
SCLK, MOSI and NCS must be
within 300mV of GND or VDD.
STDWN must be within 300mV of
VDD.
Input Low Voltage
VIL
0.6
V
SCLK, MOSI, NCS, STDWN
Input High Voltage
VIH
VDD - 0.6
V
SCLK, MOSI, NCS, STDWN
Input hysteresis
VI_HYS
100
mV
SCLK, MOSI, NCS, STDWN
Input leakage current
Ileak
±1
±10
µA
Vin=VDD-0.6V, SCLK, MOSI, NCS,
STDWN
XY_LED Current
ILAS
13
25
mA
XY_LED pin voltage should be
greater than 0.15V and less than
1.4V. XY_LED current is pulsed,
so average value is much lower
Output Low Voltage
VOL
0.7
V
I
OUT=1mA, MISO, MOTION
Output High Voltage
VOH
VDD-0.7
V
I
OUT=-1mA, MISO, MOTION
Input Capacitance
Cin
10
pF
MOSI, NCS, SCLK, STDWN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn