Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD3=2.6V.
Parameter
Symbol
Minimum Typical
Maximum Units
Notes
Motion delay after reset
tMOT-RST
23
ms
From SW_RESET register write to valid
motion, assuming motion is present
Shutdown
tSTDWN
50
ms
From STDWN pin active to low current
Wake from shutdown
tWAKEUP
1s
From STDWN pin inactive to valid
motion. Notes: A RESET must be
asserted after a shutdown. Refer to
section "Notes on Shutdown and
Forced Rest", also note tMOT-RST
Forced Rest enable
tREST-EN
1s
From RESTEN bits set to low current
Wake from Forced Rest
tREST-DIS
1s
From RESTEN bits cleared to valid
motion
MISO rise time
tr-MISO
150
300
ns
CL = 100pF
MISO fall time
tf-MISO
150
300
ns
CL = 100pF
MISO delay after SCLK
tDLY-MISO
120
ns
From SCLK falling edge to MISO data
valid, no load conditions
MISO hold time
tHOLD-MISO
0.5
1/fSCLK
µs
Data held until next falling SCLK edge
MOSI hold time
tHOLD-MOSI
200
ns
Amount of time data is valid after SCLK
rising edge
MOSI setup time
tSETUP-MOSI
120
ns
From data valid to SCLK rising edge
SPI time between write
commands
tSWW
30
µs
From rising SCLK for last bit of the first
data byte, to rising SCLK for last bit of
the second data byte.
SPI time between write
and read commands
tSWR
20
µs
From rising SCLK for last bit of the first
data byte, to rising SCLK for last bit of
the second address byte.
SPI time between read
and subsequent
commands
tSRW
tSRR
500
ns
From rising SCLK for last bit of the first
data byte, to falling SCLK for the first
bit of the address byte of the next
command.
SPI read address-data
delay
tSRAD
4
µs
From rising SCLK for last bit of the
address byte, to falling SCLK for first bit
of data being read.
NCS inactive after
motion burst
tBEXIT
500
ns
Minimum NCS inactive time after
motion burst before next SPI usage
NCS to SCLK active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK
rising edge
SCLK to NCS inactive
(for read operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS
rising edge, for valid MISO data transfer
SCLK to NCS inactive
(for write operation)
tSCLK-NCS
20
us
From last SCLK rising edge to NCS
rising edge, for valid MOSI data transfer
NCS to MISO high-Z
tNCS-MISO
500
ns
From NCS rising edge to MISO high-Z
state
MOTION rise time
tr-MOTION
150
300
ns
CL = 100pF
MOTION fall time
t
F
-MOTION
150
300
ns
CL = 100pF
SHTDWN pulse width
tP-STDWN
1s
Transient Supply Current IDDT
45
mA
Max supply current during a VDD ramp
from 0 to 2.6V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn