Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADNS-3040 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

ADNS-3040 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
Absolute Maximum Ratings
Regulatory Requirements
• Passes FCC B and
worldwide analogous
emission limits when
assembled into a mouse
with shielded cable and
following Agilent
recommendations.
• Passes IEC-1000-4-3
radiated susceptibility level
when assembled into a
mouse with shielded cable
and following Agilent
recommendations.
• Passes EN61000-4-4/IEC801-
4 EFT tests when assembled
into a mouse with shielded
cable and following Agilent
recommendations.
• UL flammability level UL94
V-0.
• Provides sufficient ESD
creepage/clearance distance
to avoid discharge up to
15kV when assembled into a
mouse according to usage
instructions above.
Recommended Operating Conditions
* Please note that for HSDL-4261 IR LED, the min power supply is 2.5V.
Object Surface
2.40
0.094
Sensor
Lens
Figure 9. Distance from lens reference plane to surface
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temp
260
°C
For 10 seconds, 1.6mm below
seating plane.
Supply Voltage
VDD
-0.5
3.7
V
ESD
2
kV
All pins, human body model MIL 883
Method 3015
Input Voltage
VIN
-0.5
VDD+0.5
V
All Pins
Latchup Current
IOUT
20
mA
All Pins
Parameter
Symbol
Minimum Typical
Maximum Units
Notes
Operating Temperature
TA
040
°C
Power supply voltage - for
HLMP-ED80-PS000 LED *
VDD
2.6
3.6
Volts
Including noise.
Power supply rise time
VRT
0.001
100
ms
0 to 2.6V
Supply noise(Sinusoidal)
VNA
100
mV p-p
10kHz-50MHz
Serial Port Clock Frequency
fSCLK
1
MHz
Active drive, 50% duty cycle.
Distance from lens reference
plane to surface
Z
2.3
2.4
2.5
mm
Results in 0.2 mm DOF, See
drawing below
Speed
S
20
in/sec
Acceleration
A
8
G
Load Capacitance
COUT
100
pF
MOTION, MISO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADNB-3532Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNB-3552Low Power LED Integrated Slim Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5030Low Power Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-5020-ENOptical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNS-3080High-Performance Optical Mouse Sensor 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
ADNK-2052Solid-State Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PAN301ACMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ADNS-3080High-performance Optical Mouse Sensor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PM-139Quad Low-Power Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn