Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSAQF150O Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAQF150O
Description  Open Frame 150 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAQF150O Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAQF150O Datasheet HTML 1Page - Wall Industries,Inc. PSAQF150O Datasheet HTML 2Page - Wall Industries,Inc. PSAQF150O Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAQF150O Series
Open Frame
150 Watt Single Output
AC/DC Switching Power Supply
MECHANICAL DRAWING
PIN CONNECTION
PIN #
SINGLE
1
AC IN (L)
2
AC IN (N)
3
FG
4
+DC OUT
5
+DC OUT
6
-DC OUT
7
-DC OUT


Similar Part No. - PSAQF150O

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-12S WALL-PSAQF150E-12S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-15S WALL-PSAQF150E-15S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-24S WALL-PSAQF150E-24S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSAQF150E-3.3S WALL-PSAQF150E-3.3S Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
More results

Similar Description - PSAQF150O

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
   400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Wall Industries,Inc.
PSAQF150E WALL-PSAQF150E Datasheet
156Kb / 3P
   Enclosed 150 Watt Single Output AC/DC Switching Power Supply
PSS150 WALL-PSS150 Datasheet
153Kb / 3P
   150 Watt Single Output AC/DC Power Supply
PSAQF150U WALL-PSAQF150U Datasheet
173Kb / 3P
   U Chassis 150 Watt Single Output AC/DC Switching Power Supply
PSSBU150 WALL-PSSBU150 Datasheet
314Kb / 2P
   3-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
logo
AIMTEC
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
   150 Watt (Open Frame) AC/DC Converter
logo
Wall Industries,Inc.
PSSBU151 WALL-PSSBU151 Datasheet
178Kb / 2P
   2-pin Input Connector 150 Watt Single Output AC/DC Open Frame Power Supply for I.T.E.
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
   60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
   6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com