Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSAQC60 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part No. PSAQC60
Description  For PCB Mount 60 Watt Single Output AC/DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WALL [Wall Industries,Inc.]
Homepage  http://www.wallindustries.com
Logo 

PSAQC60 Datasheet(HTML) 1 Page - Wall Industries,Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSAQC60 Series
For PCB Mount
60 Watt Single Output
AC/DC Switching Power Supply
FEATURES
● Trimmable Output of ±10%
● Single Output of 5VDC to 24VDC
● Switching Power Module for PCB Mount
● Universal Input of 90-264VAC for Worldwide Use
● Short Circuit, Over Power, and Over Voltage Protection
SPECIFICATIONS: PSAQC60 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage Range
90 ~ 264VAC or 120 ~ 370VDC
Input Frequency
47 to 63Hz
Input Current (Full Load)
2A max @ 115VAC / 1A max @ 230VAC
Inrush Current (<2ms)
20A max @ 115VAC / 40A max @230VAC
Leakage Current
3.5mA max
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
60 Watts max.
Voltage Accuracy
±2%
Trim
±10%
Line Regulation (LL – HL)
±1% typical
Load Regulation (5% to 100%)
±1% typical
Output Current
See Table
Minimum Load
0%
Ripple & Noise
75mVp-p max.
Maximum Capacitive Load
470 - 23,000µF depending on model
Hold-Up Time
18ms min.
Temperature Coefficient
±0.02%/°C
PROTECTION
Over Power Protection
Auto recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Auto recovery
GENERAL SPECIFICATIONS
Switching Frequency
133KHz
Efficiency
See Table
Isolation Voltage (Input to Output)
3000VAC
Isolation Voltage (Input to Field Ground)
1500VAC
Isolation Voltage (Output to Field Ground)
500VAC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C to +70°C (with derating)
Storage Temperature
-40°C to +85°C
Humidity
95% RH
Cooling
Free air convection
MTBF
> 130,000 hours @ 25°C (MIL-HDBK-217F)
PHYSICAL SPECIFICATIONS
Weight
420g
Dimensions
4.25(L) x 2.24(W) x 1.34(H) inches
(108.0(L) x 57.0(W) x 34.0(H) mm)
(Tolerance ±0.5mm)
SAFETY & EMC
Agency Approvals
CE, UL
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMS (Noise Immunity)
EN 55024


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn