Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUF605L Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # TUF605L
Description  6.0A Ultra Fast Recovery Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TUF605L Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  TUF605L Datasheet HTML 1Page - TAITRON Components Incorporated TUF605L Datasheet HTML 2Page - TAITRON Components Incorporated TUF605L Datasheet HTML 3Page - TAITRON Components Incorporated TUF605L Datasheet HTML 4Page - TAITRON Components Incorporated TUF605L Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6.0A Ultra Fast Recovery Rectifier
Rev. A/DX 2007-06-04
TUF601L – TUF607L
www.taitroncomponents.com
Page 5 of 5
Reel Dimensions (in mm)
D
D0
D1
W
330.0±2.0
16.6±0.4
85.7±0.3
79.0±1.0
Carton Information
PCS per Carton
Carton Size
3000
340X340X330 ( in mm)
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA
Tel: +86-21-5424-9942
Fax: +86-21-5424-9931


Similar Part No. - TUF605L

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF605 TAITRON-TUF605 Datasheet
162Kb / 6P
   6.0A Ultra Fast Recovery Rectifier
More results

Similar Description - TUF605L

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF601 TAITRON-TUF601 Datasheet
162Kb / 6P
   6.0A Ultra Fast Recovery Rectifier
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
FR601 DIODES-FR601 Datasheet
57Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
SF61 DIODES-SF61 Datasheet
59Kb / 2P
   6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
   6.0A Super Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com