Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVT08AW Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # TVT08AW
Description  500W Surface Mount Transient Voltage Suppressor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TVT08AW Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TVT08AW Datasheet HTML 1Page - TAITRON Components Incorporated TVT08AW Datasheet HTML 2Page - TAITRON Components Incorporated TVT08AW Datasheet HTML 3Page - TAITRON Components Incorporated TVT08AW Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
500W Surface Mount Transient Voltage Suppressor Arrays
Rev. A/DX
TVT03AW – TVT36AW
www.taitroncomponents.com
Page 3 of 4
Fig.4-CJ - VR
Reverse Voltage VR (Volts)
Marking Information
Fig.3- Pulse Waveform
Time (µs)


Similar Part No. - TVT08AW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TVT5R0AW TAITRON-TVT5R0AW Datasheet
107Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
logo
Raltron Electronics Cor...
TVTX053 RALTRON-TVTX053 Datasheet
250Kb / 3P
   5x3.2 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
TVTX057 RALTRON-TVTX057 Datasheet
243Kb / 4P
   5x7 mm Stratum 3 TCXO with frequency Range 10.0 MHz to 52.0 MHz
More results

Similar Description - TVT08AW

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TVT5R0AW TAITRON-TVT5R0AW Datasheet
107Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
logo
Semtech Corporation
1N6102US SEMTECH-1N6102US Datasheet
118Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
1N6102US SEMTECH-1N6102US_10 Datasheet
47Kb / 4P
   500W Bipolar Transient Voltage Suppressor Surface Mount (US)
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com