Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUF602 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TUF602
Description  6.0A Ultra Fast Recovery Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TUF602 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TUF602 Datasheet HTML 1Page - TAITRON Components Incorporated TUF602 Datasheet HTML 2Page - TAITRON Components Incorporated TUF602 Datasheet HTML 3Page - TAITRON Components Incorporated TUF602 Datasheet HTML 4Page - TAITRON Components Incorporated TUF602 Datasheet HTML 5Page - TAITRON Components Incorporated TUF602 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. A/DX 2007-06-04
TUF601 – TUF607
6.0A Ultra Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
6.0A Ultra Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed: 250°C/10 seconds
/.375" (9.5mm) lead length at 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
T6, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
2.1 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TUF
601
TUF
602
TUF
603
TUF
604
TUF
605
TUF
606
TUF
607
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
300
400
600
800
V
VRMS
Maximum RMS Voltage
35
70
140
210
280
420
560
V
VDC
Maximum DC Blocking
Voltage
50
100
200
300
400
600
800
V
Io(AV)
Maximum Average
Forward Rectified
Current
6.0
A
TA=55 ˚C
IFSM
Peak Forward Surge
Current
300
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
T6


Similar Part No. - TUF602

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF602L TAITRON-TUF602L Datasheet
154Kb / 5P
   6.0A Ultra Fast Recovery Rectifier
More results

Similar Description - TUF602

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF601L TAITRON-TUF601L Datasheet
154Kb / 5P
   6.0A Ultra Fast Recovery Rectifier
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
FR601 DIODES-FR601 Datasheet
57Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
   6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR6001 DIODES-PR6001 Datasheet
62Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. A1-2
FR607-T DIODES-FR607-T Datasheet
59Kb / 2P
   6.0A FAST RECOVERY RECTIFIER
SF61 DIODES-SF61 Datasheet
59Kb / 2P
   6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
   6.0A Super Fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com