Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3643_0710 Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT3643_0710
Description  3-Channel Ultra High Efficiency Quad-Mode??LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3643_0710 Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT3643_0710 Datasheet HTML 9Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 10Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 11Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 12Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 13Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 14Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 15Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 16Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 17Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CAT3643
Doc. No. MD-5022 Rev. E
14
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TQFN 16-Pad 3 x 3mm (HS3, HV3)
(1)(2)
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC standard MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
E2
A3
eb
A
A1
SIDE VIEW
TOP VIEW
BOTTOM VIEW
E
D
PIN#1 INDEX AREA
PIN#1 ID
FRONT VIEW
A1
A
L
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A3
0.178
0.203
0.228
b
0.18
0.23
0.30
D
2.90
3.00
3.10
D2
1.40
1.80
E
2.90
3.00
3.10
E2
1.40
1.80
e
0.50 BSC
L
0.30
0.40
0.50


Similar Part No. - CAT3643_0710

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3643HL1-T2 ONSEMI-CAT3643HL1-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
CAT3643HV2-GT2 ONSEMI-CAT3643HV2-GT2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
CAT3643HV2-GT2 ONSEMI-CAT3643HV2-GT2 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643HV2-T2 CATALYST-CAT3643HV2-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
More results

Similar Description - CAT3643_0710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com