Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3643_0710 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3643_0710
Description  3-Channel Ultra High Efficiency Quad-Mode??LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3643_0710 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3643_0710 Datasheet HTML 2Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 3Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 4Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 5Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 6Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 7Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 8Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 9Page - Catalyst Semiconductor CAT3643_0710 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CAT3643
Doc. No. MD-5022 Rev. E
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.6V, IOUT = 60mA (3 LEDs at 20mA), CIN = COUT = C1 = C2 = 1μF, TAMB = 25°C unless otherwise specified.
Switching Frequency vs. Temperature
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-40
0
40
80
120
TEMPERATURE [°C]
1.5x Mode
1.33x, 2x Mode
Output Resistance vs. Input Voltage
0
2
4
6
8
10
12
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE [V]
1x
1.33x
1.5x
2x
Power Up in 1x Mode
Power Up in 1.33x Mode
Power Up in 1.5x Mode
Power Up in 2x Mode


Similar Part No. - CAT3643_0710

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3643HL1-T2 CATALYST-CAT3643HL1-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3643HL1-T2 ONSEMI-CAT3643HL1-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
CAT3643HV2-GT2 ONSEMI-CAT3643HV2-GT2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
CAT3643HV2-GT2 ONSEMI-CAT3643HV2-GT2 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3643HV2-T2 CATALYST-CAT3643HV2-T2 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
More results

Similar Description - CAT3643_0710

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3643 ONSEMI-CAT3643 Datasheet
214Kb / 15P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
May, 2010 ??Rev. 6
CAT3643HV2-T2 ONSEMI-CAT3643HV2-T2 Datasheet
320Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver
Doc. No. MD-5022 Rev. G
logo
Catalyst Semiconductor
CAT3643 CATALYST-CAT3643 Datasheet
317Kb / 17P
   3-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3644 ONSEMI-CAT3644 Datasheet
191Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode LED Driver
April, 2010 ??Rev. 6
logo
Catalyst Semiconductor
CAT3644_0710 CATALYST-CAT3644_0710 Datasheet
312Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode??LED Driver
CAT3644 CATALYST-CAT3644 Datasheet
293Kb / 14P
   4-Channel Ultra High Efficiency Quad-Mode TM LED Driver
logo
ON Semiconductor
CAT3647 ONSEMI-CAT3647 Datasheet
208Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
May, 2010 ??Rev. 2
CAT3647HV3-GT2 ONSEMI-CAT3647HV3-GT2 Datasheet
294Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode LED Driver with 32 Dimming Levels
Doc. No. MD-5030 Rev. C
logo
Catalyst Semiconductor
CAT3647 CATALYST-CAT3647 Datasheet
305Kb / 14P
   3-Channel Ultra High Efficiency Quad-Mode??LED Driver with 32 Dimming Levels
CAT3637 CATALYST-CAT3637 Datasheet
283Kb / 14P
   6-Channel Programmable High Efficiency Quad-Mode??LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com