Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3626 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3626
Description  6-Channel LED Driver with I2C??Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3626 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3626_08 Datasheet HTML 2Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 3Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 4Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 5Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 6Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 7Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 8Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 9Page - Catalyst Semiconductor CAT3626_08 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CAT3626
Doc. No. MD-5014 Rev. D
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 90mA (6 LEDs at 15mA), EN = VIN, CIN = C1 = C2 = COUT = 1µF, TAMB = 25ºC, unless otherwise specified.
Power Up with 6 LEDs at 15mA (1x Mode)
Power Up with 6 LEDs at 15mA (1.5x Mode)
Enable Power Down (1x Mode)
Enable Power Down (1.5x Mode)
Switching Waveforms in 1.5x Mode
Operating Waveforms in 1x Mode


Similar Part No. - CAT3626_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626HS4-T2 CATALYST-CAT3626HS4-T2 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
CAT3626HV4-GT2 ONSEMI-CAT3626HV4-GT2 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3626HV4-T2 CATALYST-CAT3626HV4-T2 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
More results

Similar Description - CAT3626_08

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3626 CATALYST-CAT3626 Datasheet
807Kb / 14P
   6-Channel LED Driver with I2C Interface
logo
ON Semiconductor
CAT3626 ONSEMI-CAT3626 Datasheet
192Kb / 16P
   6-Channel LED Driver with I2C Interface
March, 2010 ??Rev. 5
CAT3626HV4-T2 ONSEMI-CAT3626HV4-T2 Datasheet
216Kb / 15P
   6-Channel LED Driver with I2C??Interface
Doc. No. MD-5014 Rev. E
logo
ATMEL Corporation
MSLB9061 ATMEL-MSLB9061 Datasheet
1Mb / 16P
   Compact, 6-channel LED Driver Board with I2C Interface
logo
Shanghai awinic technol...
AW2013 AWINIC-AW2013 Datasheet
886Kb / 19P
   AW2013 3-channel LED Driver with I2C Compatible Interface
logo
Texas Instruments
TPIC2810 TI-TPIC2810 Datasheet
257Kb / 18P
[Old version datasheet]   8-BIT LED DRIVER WITH I2C INTERFACE
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSLB9082 ATMEL-MSLB9082 Datasheet
2Mb / 20P
   Compact, 8-channel, 20W LED Driver Board with I2C Interface
logo
Monolithic Power System...
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com