Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT3614HV2-T2 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT3614HV2-T2
Description  4-Channel 1-Wire LED Driver in 3 x 3mm Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3614HV2-T2 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT3614HV2-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3614HV2-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT3614
Doc. No. 8755 Rev. A
4
© 2005 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 80mA (4 LEDs at 20mA), C1 = C2 = CIN = COUT = 1μF, TAMB = 25°C unless otherwise specified.
Efficiency vs. Input Voltage (4 LEDs)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
1x mode
1.5x mode
20mA per LED
10mA per LED
Efficiency vs. Total LED Current (4 LEDs)
40
50
60
70
80
90
100
025
50
75
100
125
TOTAL LED CURRENT [mA]
VIN = 4V (1x mode)
VIN = 3.2V (1.5x mode)
Quiescent Current vs. Input Voltage (1x mode)
0.0
0.2
0.4
0.6
0.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4 LEDs OFF
Quiescent Current vs. Temperature (1x mode)
0.0
0.2
0.4
0.6
0.8
-40
0
40
80
120
TEMPERATURE [°C]
4 LEDs OFF
Quiescent Current vs. Input Voltage (1.5x mode)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
INPUT VOLTAGE [V]
4 LEDs OFF
Quiescent Current vs. Temperature (1.5x mode)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-40
0
40
80
120
TEMPERATURE [°C]
4 LEDs OFF


Similar Part No. - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614HV2-T2 CATALYST-CAT3614HV2-T2 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
More results

Similar Description - CAT3614HV2-T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT3603 CATALYST-CAT3603 Datasheet
510Kb / 12P
   3-Channel LED Driver in 3x3mm Package
logo
Vishay Siliconix
TLHW490 VISHAY-TLHW490 Datasheet
183Kb / 6P
   White LED in 3mm T 1 Waterclear Package
Rev. 1.2, 31-Aug-04
logo
Linear Technology
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
logo
Everlight Electronics C...
EAILP03RDAB1 EVERLIGHT-EAILP03RDAB1 Datasheet
260Kb / 9P
   3mm Infrared LED,T-1 3/4
logo
Monolithic Power System...
MP2615B MPS-MP2615B Datasheet
881Kb / 20P
   2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com