Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75107A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75107A
Description  DUAL LINE RECEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75107A Datasheet(HTML) 3 Page - Texas Instruments

  SN75107A Datasheet HTML 1Page - Texas Instruments SN75107A Datasheet HTML 2Page - Texas Instruments SN75107A Datasheet HTML 3Page - Texas Instruments SN75107A Datasheet HTML 4Page - Texas Instruments SN75107A Datasheet HTML 5Page - Texas Instruments SN75107A Datasheet HTML 6Page - Texas Instruments SN75107A Datasheet HTML 7Page - Texas Instruments SN75107A Datasheet HTML 8Page - Texas Instruments SN75107A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SN55107A, SN75107A, SN75107B, SN75108A
DUAL LINE RECEIVERS
SLLS069D – JANUARY 1977 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic (each receiver)
13
2, 11
14
1, 12
See
Note 2
To Other Receiver
Output Y
GND
Strobe G
Strobe S
4, 9
7
5, 8
6
800
Common
to Both
Receivers
1 k
1 k
400
4 k
1.6 k
120
4.8 k
760
R†
4.25 k
3 k
3 k
VCC +
A
B
Inputs
VCC –
Pin numbers shown are for D, J, N, and W packages.
† R = 1 k
Ω for ’107A and SN75107B, 750 Ω for SN75108A.
NOTES:
1.
Resistor values shown are nominal.
2. Components shown with dashed lines in the output circuitry are applicable to the ’107A and SN75107B only. Diodes in series with
the collectors of the differential input transistors are short circuited on ’107A and SN75108A.
See
Note 2


Similar Part No. - SN75107A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75107A TI-SN75107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AD TI1-SN75107AD Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ADR TI1-SN75107ADR Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107AN TI1-SN75107AN Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN75107ANE4 TI1-SN75107ANE4 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
More results

Similar Description - SN75107A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
logo
National Semiconductor ...
DS55107 NSC-DS55107 Datasheet
178Kb / 10P
   Dual Line Receivers
logo
Texas Instruments
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com