Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK32LL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SK32LL
Description  3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK32LL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SK32LL Datasheet HTML 1Page - List of Unclassifed Manufacturers SK32LL Datasheet HTML 2Page - List of Unclassifed Manufacturers SK32LL Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
SK32L ~ SK34LL
VOLTAGE 20V ~ 40V
Low VF Types
3.0AMP Surface Mount Schottky Barrier Rectifiers
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=125 C
o
Tj=25 C
FIG. 5 (For SK32L)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARD CURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 6 (For SK32LL)
0
100
200
300
400
500
600
FORWARD VOLTAGE (MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=125 C
o
Tj=25 C
FIG. 7 (For SK34L)
0
100
200
300
400
500
600
FORWARD VOLTAGE(MILLIVOLTS)
FORWARDCURRENT
(MILLIAMPERES)
o
Tj=100 C
o
Tj=25 C
FIG. 8 (For SK34LL)
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
TYPICAL FORWARD
CHARACTERISTICS
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
6 Rev. B
Page 3 of 3


Similar Part No. - SK32LL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK32LL SECOS-SK32LL Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK32LL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34BL SECOS-SK34BL_15 Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK32A LUGUANG-SK32A Datasheet
176Kb / 2P
   3.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK32L SECOS-SK32L Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34AL SECOS-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Shenzhen Luguang Electr...
SSL32 LUGUANG-SSL32 Datasheet
205Kb / 2P
   3.0AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com