Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE8542 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE8542
Description  Integrated Circuit Tri−State Quad I/O Register
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE8542 Datasheet(HTML) 2 Page - NTE Electronics

  NTE8542 Datasheet HTML 1Page - NTE Electronics NTE8542 Datasheet HTML 2Page - NTE Electronics NTE8542 Datasheet HTML 3Page - NTE Electronics NTE8542 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics: (Notes 2 and 3)
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Logical “1” Input Voltage
VIH
VCC = Min
2.0
V
Logical “1” Input Current
IIH
VCC = Max, VIN = 2.4V
VCC = Max, VIN = 5.5V
40
1.0
μA
Logical “0” Input Voltage
VIL
VCC = Min
0.8
V
Logical “0” Input Current
IIL
VCC = Max, VIN = 0.4V
−1.0 −1.6 mA
Input Clamp Voltage
VCD
VCC = Min, IIN = −12mA
−1.5
V
Logical “1” Output Voltage
VOH
VCC = Min, IOUT = −800μ 2.4
V
Output Short Circuit Current
IOS
VCC = Max, VOUT = 0V,
Note 4
−25
−70 mA
Logical “0” Output Voltage
VOL
VCC = Min, IOUT = 16mA
0.4
V
Supply Current
ICC
VCC = Max
120
mA
TRI−STATE I/O Current with
Inputs and Outputs Disabled
VCC = Max, VIN = 2.4V
VCC = Max, VIN = 0.4V
40
−40
μA
Propagation Delay to a Logical “0”
from Clock to Output
tpd0
RL = 400Ω, CL = 50pF
TA = 25°C
23
35
ns
Propagation Delay to a Logical “0”
from Clear to Output
tpd0
RL = 400Ω, CL = 50pF
TA = 25°C
24
36
ns
Propagation Delay to a Logical “1”
from Clock to Output
tpd1
RL = 400Ω, CL = 50pF
TA = 25°C
25
38
ns
Delay from Disable to High
Impedance State
(from Logical “1” Level)
t1H
RL = 400Ω, CL = 5.0pF
TA = 25°C
6.0
15
ns
Delay from Disable to High
Impedance State
(from Logical “0” Level)
t0H
RL = 400Ω, CL = 5.0pF
TA = 25°C
15
25
ns
Delay from Disable to Logical
“1” Level
(from High Impedance State)
tH1
RL = 400Ω, CL = 50pF
TA = 25°C
20
30
ns
Delay from Disable to Logical
“0” Level
(from High Impedance State)
tH0
RL = 400Ω, CL = 50pF
TA = 25°C
17
25
ns
Maximum Clock Frequency
fMAX
RL = 400Ω, CL = 50pF
TA = 25°C
30
40
MHz
Enable to Clock Set−Up Time
tSO
RL = 400Ω, CL = 50pF
TA = 25°C
20
13
ns
Enable to Clock Set−Up Time
tSI
RL = 400Ω, CL = 50pF
TA = 25°C
20
12
ns


Similar Part No. - NTE8542

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
   Silicon NPN Transistor General Purpose Amplifier
NTE851 NTE-NTE851 Datasheet
22Kb / 2P
   Integrated Circuit VHF/UHF Prescaler
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
   Integrated Circuit Low Power, Narrow Band, FM IF System
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
   Integrated Circuit Color TV Video Monitor
NTE856 NTE-NTE856 Datasheet
22Kb / 3P
   Integrated Circuit TV Video Modulation Circuit
More results

Similar Description - NTE8542

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7175 NTE-NTE7175 Datasheet
40Kb / 3P
   Integrated Circuit Quad EIA−422 Line Driver With Three−State Outputs
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
National Semiconductor ...
54LS125 NSC-54LS125 Datasheet
122Kb / 6P
   Quad TRI-STATE Buffers
DM74125 NSC-DM74125 Datasheet
98Kb / 4P
   Quad TRI-STATE Buffers
54LS126 NSC-54LS126 Datasheet
74Kb / 3P
   QUAD TRI-STATE BUFFERS
74LS126A NSC-74LS126A Datasheet
95Kb / 4P
   Quad TRI-STATE Buffer
54173 NSC-54173 Datasheet
131Kb / 6P
   TRI-STATE Quad Registers
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
MM74HC242 NSC-MM74HC242 Datasheet
134Kb / 6P
   Inverting Quad TRI-STATE Transceiver
logo
Texas Instruments
DS3487 TI1-DS3487_15 Datasheet
773Kb / 11P
[Old version datasheet]   Quad TRI-STATE Line Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com