Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2K4-15 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PS2K4-15
Description  With PFC 2400 Watt Single Output AC/DC Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PS2K4-15 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PS2K4-15 Datasheet HTML 1Page - Wall Industries,Inc. PS2K4-15 Datasheet HTML 2Page - Wall Industries,Inc. PS2K4-15 Datasheet HTML 3Page - Wall Industries,Inc. PS2K4-15 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PS2K4 Series
With PFC
2400 Watt Single Output
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Working Temperature
-20°C to +65°C (refer to “Output Power vs Ambient Temperature” derating curve)
Storage Temperature
-20°C to +85°C
Working Humidity
20% to 90% RH (non-condensing)
Storage Humidity
10% to 95% RH
Vibration
10 ~ 200Hz, 2g 10 min./1cycle, 60 min. each along X, Y, and Z axes.
Cooling
By fan: > 20% load or > 50°C
MTBF
24,900 hours minimum
MIL-HDBK-217F (25°C)
PHYSICAL SPECIFICATIONS
Weight
9.0kg
Dimensions
320(L) x 212(W) x 124(H) mm
Warranty
3 years
SAFETY & EMC (See Note 6)
Safety Standards
UL60950, TUVEN60950 Approved
EMI Conduction & Radiation
Compliance to EN55022 (CISPR22) class A
Harmonic Current
Compliance to EN61000-3-2,3
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11, Light industry level, criteria A.
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Output Voltage
Output Current
Output Power
Ripple & Noise
Efficiency
PS2K4-09
9 VDC
266A
2400W
90mVp-p
83%
PS2K4-12
12 VDC
200A
2400W
120mVp-p
84%
PS2K4-15
15 VDC
160A
2400W
150mVp-p
85%
PS2K4-24
24 VDC
100A
2400W
150mVp-p
88%
PS2K4-48
48 VDC
50A
2400W
200mVp-p
89%
NOTES
1. Input voltage is 90 ~ 260VAC however, the unit does not reach full power until >170VAC. See derating curve below.
2. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
3. Ripple & noise is measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
4. Tolerance: includes set up tolerance, line regulation and load regulation.
5. Current limiting 3 times (1.5s, 3.0s, 5.0s) then intelligent auto recovery before shut down
6. The power supply is considered a component, which will be installed into final equipment. The final equipment must be re-confirmed
that it still meets EMC directives.
DERATING CURVES


Similar Part No. - PS2K4-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-09 WALL-PS2K0-09 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-12 WALL-PS2K0-12 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-15 WALL-PS2K0-15 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0-18 WALL-PS2K0-18 Datasheet
166Kb / 4P
   2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results

Similar Description - PS2K4-15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSSP150 WALL-PSSP150 Datasheet
161Kb / 3P
   Single Output 150 Watt with PFC Function AC/DC Switching Power Supply
PSSP320 WALL-PSSP320 Datasheet
160Kb / 3P
   Single Output 320 Watt with PFC Function AC/DC Switching Power Supply
PSSP200 WALL-PSSP200 Datasheet
161Kb / 3P
   Single Output 200 Watt with PFC Function AC/DC Switching Power Supply
PSSP100 WALL-PSSP100 Datasheet
164Kb / 3P
   Single Output 100 Watt with PFC Function AC/DC Switching Power Supply
PSPRL9802 WALL-PSPRL9802 Datasheet
208Kb / 3P
   Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PSRL5016E3 WALL-PSRL5016E3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U3 WALL-PSRL5016U3 Datasheet
243Kb / 3P
   Active PFC 300 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
   Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Intronics Power, Inc.
AC350 INTRONICS-AC350 Datasheet
183Kb / 2P
   350 WATT SINGLE OUTPUT U FRAME AC-DC POWER SUPPLY WITH PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com