Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV12S15-150-S Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # LV12S15-150-S
Description  Low Voltage DC-DC Converter 10-36 Vdc Input 15Vdc Output at 10A Half-Brick Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LV12S15-150-S Datasheet(HTML) 6 Page - Wall Industries,Inc.

Back Button LV12S15-150-S Datasheet HTML 2Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 3Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 4Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 5Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 6Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 7Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 8Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 9Page - Wall Industries,Inc. LV12S15-150-S Datasheet HTML 10Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TECHNICAL DATASHEET
Rev. D
LV12S15-150
(888) 597-WALL
www.wallindustries.com
Page 6 of 15
Note that while decreasing the output voltage, the
maximum output current still remains at 10A, and
while increasing the output voltage, the output
current is reduced to maintain a total output
power at 150 W.
Figure 4: Trim Up
Output Voltage Trim: (5V, 12V, 15V, and 20V Models)
The output is adjustable +/–10% of rated output voltage. To trim the output voltage down, place the trim resistor
between the Trim and -Rs pins (Figure 5). To trim the output voltage up, place the trim resistor between the Trim
and +Rs pins (Figure 4).
The value of the trim resistor with respect to the desired output voltage (Vo) can be derived from the following
formulas, or looked up on the trim table (Table 2).
Table 2: Trim Equations for LV Series (5V, 12V, 15V, and 20V Models)
Vonom
U1
R1
Rlim RTH to +Rs
15.000
2.500
5.11
5.11 RTL to -Rs
Percent
Trim Low
Trim High
Trim
Vo
RTL
Vo
RTH
1%
14.850 500.78
15.150 2575.44 All in Kohms
2%
14.700 245.28
15.300 1297.94
3%
14.550 160.11
15.450 872.11
4%
14.400 117.53
15.600 659.19
5%
14.250
91.98
15.750 531.44
6%
14.100
74.95
15.900 446.27
7%
13.950
62.78
16.050 385.44
8%
13.800
53.66
16.200 339.81
9%
13.650
46.56
16.350 304.33
10%
13.500
40.88
16.500 275.94
(in Kohms)
lim
1
lim
1
1
1
R
V
V
V
R
RTL
R
V
V
V
R
V
V
U
V
V
R
RTH
o
onom
o
onom
o
o
onom
o
onom
o
=
=
(in Kohms)
Figure 5: Trim Down
Pins Facing Down
+Rs
+Vout
-Vout
Trim
-Rs
RTL
Rload
Pins Facing Down
Rload
+Rs
+Vout
-Vout
Trim
-Rs
RTH


Similar Part No. - LV12S15-150-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S15-150 WALL-LV12S15-150 Datasheet
266Kb / 4P
   50-200 Watts
More results

Similar Description - LV12S15-150-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LV12S28-150 WALL-LV12S28-150 Datasheet
443Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 28Vdc Output at 5.36A Half-Brick Package
LV12S5-100 WALL-LV12S5-100 Datasheet
447Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 5Vdc Output at 20A Half-Brick Package
LV12S20-100 WALL-LV12S20-100 Datasheet
430Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 20Vdc Output at 5A Half-Brick Package
LV12S24-150 WALL-LV12S24-150 Datasheet
452Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package
LV12S26-150 WALL-LV12S26-150 Datasheet
454Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 26Vdc Output at 5.8A Half-Brick Package
LV12S12-150 WALL-LV12S12-150 Datasheet
532Kb / 15P
   Low Voltage DC-DC Converter 10-36 Vdc Input 12Vdc Output at 12.5A Half-Brick Package
MPQ24S5-50B WALL-MPQ24S5-50B Datasheet
795Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
MPQ24S24-50 WALL-MPQ24S24-50 Datasheet
764Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
SPW48S24-100 WALL-SPW48S24-100 Datasheet
470Kb / 13P
   100W DC-DC Converter 18-75 Vdc Input 24Vdc Output at 4.16A Half-Brick Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com