Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4740A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1N4740A
Description  Zener diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4740A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N4740A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4740A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
1N4758A
1N4759A
1N4760A
1N4761A
Vznom
V
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
*
<400
<400
<400
<400
<500
<550
<600
<700
<700
<700
<700
<700
<700
<700
<700
<700
<700
<700
<750
<750
<750
<750
<750
<1000
<1000
<1000
<1000
<1500
<1500
<1500
<2000
<2000
<2000
<2000
mA
1
1
1
1
1
1
1
1
1
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
uA
<100
<100
<50
<10
<10
<10
<10
<10
<10
<10
<10
<10
<10
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
<5
V
1
1
1
1
1
1
2
3
4
5
6
7
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
lzt
mA
76
69
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
*
<10
<10
<9
<9
<8
<7
<5
<2
<3.5
<4.0
<4.5
<5.0
<7
<8
<9
<10
<14
<16
<20
<22
<23
<25
<35
<40
<45
<50
<60
<70
<80
<95
<110
<125
<150
<175
1)Based on DC-measurement at thermal equilibrium while maintaining the temperature (TL)at 300C,
9.5mm(3/8") from the diode body.
for Vzt and r
Rzk
at
lzk
lR at VR


Similar Part No. - 1N4740A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4740A PHILIPS-1N4740A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Fairchild Semiconductor
1N4740A FAIRCHILD-1N4740A Datasheet
666Kb / 5P
   Zener Diodes
logo
Chongqing Pingwei Enter...
1N4740A CHONGQING-1N4740A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N4740A MICROSEMI-1N4740A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
More results

Similar Description - 1N4740A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com