Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE4805ND Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE4805ND
Description  Up to 2 Watts DC/DC Converter Single and Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE4805ND Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE4805ND Datasheet HTML 1Page - Wall Industries,Inc. LANE4805ND Datasheet HTML 2Page - Wall Industries,Inc. LANE4805ND Datasheet HTML 3Page - Wall Industries,Inc. LANE4805ND Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN E Series
Up to 2 Watts
DC/DC Converter
Single and Dual Output
MECHANICAL DRAWING
Unit: mm
3.3, 5, 12, 15, & 24V Input Models
48V Input Models & 2 Watt models
PIN CONNECTIONS
PIN
3.3, 5, 12, 15 & 24V
Input Models
48V Input Models
& 2 Watt Models
Dual Outputs
1
+INPUT
+INPUT
+INPUT
2
-INPUT
-INPUT
-INPUT
4
-OUTPUT
-OUTPUT
-OUTPUT
5
NC
NC
COMMON
6
+OUTPUT
+OUTPUT
+OUTPUT
MTBF for LAN “E” SERIES, MIL217F
Failure rate and MTBF due to ambient temp. and load derating
Load Derating
Ambient
Temp.
Failure Rate
(FIT) MTBF (H)
100%
75%
50%
25%
FIT
1464
964
519
299
20°C
H
683060
1037344
1926782
2344482
FIT
2196
1446
779
449
30°C
H
455373
691563
1283697
2227171
FIT
3660
2410
1298
748
40°C
H
273224
414937
770416
1336898
FIT
5856
3856
2076
1196
50°C
H
170765
259336
481695
836120
FIT
8784
1784
3114
1194
60°C
H
113843
172890
321130
657414
FIT
12444
8194
4412
2542
70°C
H
80360
122040
226655
393391


Similar Part No. - LANE4805ND

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE4805NDH WALL-LANE4805NDH Datasheet
293Kb / 4P
   Single and Dual Output 1 Watt DC/DC Converter
LANE4805NDH WALL-LANE4805NDH Datasheet
381Kb / 6P
   1 Watt Output Power
LANE4805NDH2 WALL-LANE4805NDH2 Datasheet
158Kb / 3P
   3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
More results

Similar Description - LANE4805ND

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com