Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPT-9026FU1A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CFPT-9026FU1A
Description  High Performance TCXO/TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPT-9026FU1A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CFPT-9026FU1A Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPT-9026FU1A Datasheet HTML 2Page - List of Unclassifed Manufacturers CFPT-9026FU1A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Example
10.0MHz
CFPT-9026 CS 1 A
Frequency
Model number
Frequency Stability Vs Operating Temperature Code
Reference Voltage Code
Frequency Adjustment Code
(For reference voltage and frequency adjustment codes see main text)
Note:* Codes may not be available for all frequencies; stability of ±3ppm over -40 to 110°C is available as code ‘JY’ (e.g. 44.0MHz CFPT-9030-JY-1B)
Frequency Range
Supply Voltage
Output Waveform
Output levels
Rise Time(tr)
Fall Time (tf)
Duty Cycle
Model Number
1.0 to 50.0MHz
3.3V±10%
Square HCMOS
Voh > 90% Vs
8ns
8ns
45/55%
CFPT-9026
15pF
Vol < 10% Vs
1.0 to 50.0MHz
5.0V±10%
Square HCMOS
Voh > 90% Vs
7ns
7ns
45/55%
CFPT-9027
15pF
Vol < 10% Vs
8.0 to 50.0MHz
3.3V±10%
Sine 10k //10pF
Vpk-pk > 1V
CFPT-9028
8.0 to 50.0MHz
5.0V±10%
Sine 10k //10pF
Vpk-pk > 1V
CFPT-9029
1.0 to 75.0MHz
3.3V±10%
Square ACMOS
Voh > 90% Vs
3ns
3ns
45/55%
CFPT-9030
15pF
Vol < 10% Vs
1.0 to 75.0MHz
5.0V±10%
Square ACMOS
Voh > 90% Vs
2ns
2ns
45/55%
CFPT-9031
15pF
Vol < 10% Vs
8.0 to 50.0MHz
3.3V±10%
Clipped Sinewave
Vpk-pk > 0.8V
CFPT-9032
10k //10pF
8.0 to 50.0MHz
5.0V±10%
Clipped Sinewave
Vpk-pk > 0.8V
CFPT-9033
10k //10pF
Frequency
Frequency offset from
Frequency offset from
Frequency offset from
Frequency offset from
Frequency offset from
carrier: 10Hz
carrier: 100Hz
carrier: 1kHz
carrier: 10kHz
carrier: 100kHz
13.0MHz
–95 dBc/Hz
–120 dBc/Hz
–135 dBc/Hz
–140 dBc/Hz
–145 dBc/Hz
25.0MHz
–85 dBc/Hz
–110 dBc/Hz
–125 dBc/Hz
–135 dBc/Hz
–140 dBc/Hz
50.0MHz
–75 dBc/Hz
–100 dBc/Hz
–120 dBc/Hz
–130 dBc/Hz
–135 dBc/Hz
Phase Noise (typical figures)
Electrical Specification - limiting values when measured in test circuit
Frequency Stability Available Over Operating Temperature Ranges
Operating
Frequency Stabilities Vs Operating Temperature Range
Temperature
±0.3ppm
±0.5ppm
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
Ranges
0 to 50°C
Code AP
Code EP
Code FP
Code CP
Code GP
Code HP
0 to 70°C
Code AC
Code EC
Code FC
Code CC
Code GC
Code HC
–20 to 70°C
Code AS*
Code ES
Code FS
Code CS
Code GS
Code HS
–30 to 75°C
Code EU
Code FU
Code CU
Code GU
Code HU
–40 to 85°C
Code EX*
Code FX
Code CX
Code GX
Code HX
–55 to 95°C
Code FA*
Code CA
Code GA
Code HA
–55 to 125°C
Code GZ*
Code HZ


Similar Part No. - CFPT-9026FU1A

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-9001 IQD-CFPT-9001 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9003 IQD-CFPT-9003 Datasheet
210Kb / 3P
   TCXO Specification
CFPT-9005 IQD-CFPT-9005 Datasheet
211Kb / 3P
   TCXO Specification
CFPT-9006 IQD-CFPT-9006 Datasheet
208Kb / 4P
   TCXO Specification
CFPT-9007 IQD-CFPT-9007 Datasheet
210Kb / 3P
   TCXO Specification
More results

Similar Description - CFPT-9026FU1A

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX NEL-AA-XADXXX Datasheet
135Kb / 4P
   LVDS TCXO/TCVCXO
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
   LVDS TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
   Stratum 3 TCXO/TCVCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
   SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
Abracon Corporation
ASGTX ABRACON-ASGTX Datasheet
5Mb / 10P
   Configurable High Performance SMD TCXO/VCTCXO
10.16.14
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Connor-Winfield Corpora...
T504-019.44M CONNOR-WINFIELD-T504-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com