Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE2412NH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE2412NH
Description  Single and Dual Output 1 Watt DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE2412NH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE2412NH Datasheet HTML 1Page - Wall Industries,Inc. LANE2412NH Datasheet HTML 2Page - Wall Industries,Inc. LANE2412NH Datasheet HTML 3Page - Wall Industries,Inc. LANE2412NH Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LANEH Series
Single and Dual Output
1 Watt DC/DC Converter
MECHANICAL DRAWING
Unit: mm
5, 12, 15, & 24V INPUTS
48V INPUTS
PIN CONNECTION
PIN
SINGLE
DUAL
1
+INPUT
+INPUT
2
-INPUT
-INPUT
5
-OUTPUT
-OUTPUT
6
NO PIN
COMMON
7
+OUTPUT
+OUTPUT
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797


Similar Part No. - LANE2412NH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE2412NH WALL-LANE2412NH Datasheet
381Kb / 6P
   1 Watt Output Power
LANE2412NH2 WALL-LANE2412NH2 Datasheet
158Kb / 3P
   3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
More results

Similar Description - LANE2412NH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PF5533-300 WALL-PF5533-300 Datasheet
678Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
DCMA01-HI WALL-DCMA01-HI Datasheet
310Kb / 5P
   1 Watt DC/DC Converter Single and Dual Output
DCB1 WALL-DCB1 Datasheet
658Kb / 7P
   1 Watt DC/DC Converter Single and Dual Output
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
DCMFPU01H WALL-DCMFPU01H Datasheet
347Kb / 5P
   1 Watt DC/DC Converter Single and Dual Outputs
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-1W CETTECHNOLOGY-CT-12D-1W Datasheet
774Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com