Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANEW2412R Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANEW2412R
Description  2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEW2412R Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANEW2412R Datasheet HTML 1Page - Wall Industries,Inc. LANEW2412R Datasheet HTML 2Page - Wall Industries,Inc. LANEW2412R Datasheet HTML 3Page - Wall Industries,Inc. LANEW2412R Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEW Series
2 Watt DC/DC Converter
Single and Dual Outputs
2:1 Wide Input Voltage Range
SPECIFICATIONS (CONTINUED)
OUTPUT SPECIFICATIONS (CONTINUED)
Output Power
2 Watts max.
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
50mVp-p
Transient Response Recovery Time
25% load step change
500µs typ.
Temperature Coefficient
±0.1% / °C max.
PROTECTION
Short Circuit Protection
Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
Full load to minimum load
100KHz, min.
Isolation Voltage (input to output)
1000VDC, min.
Insulation Resistance
10GΩ min.
Isolation Capacitance
300pF
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +105°C
Relative Humidity
5% to 95% RH
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 10G, 30 minutes along X, Y, and Z axis
MTBF (see Note 3)
5,017,000 hours
PHYSICAL SPECIFICATIONS
Weight
4.8 grams (0.17oz)
Dimensions
0.86 x 0.36 x 0.44 inches (21.8 x 9.2 x 11.1 mm)
Case Material
Non-conductive black plastic
Base Material
None
Potting Material
Silicon (UL94-V0)
SAFETY & EMC
Safety Approvals and Standards
Meets IEC60950-1, UL60950-1, EN60950-1
5V nominal input
100µF & 10µF
12V nominal input
100µF & 10µF
24V nominal input
10µF & 120µF
48V nominal input
10µF & 120µF
Meet EN55022 classes B recommend
circuit with an external L-C filter at input
EMC Characteristics (See Note 4)
EMC External Circuit


Similar Part No. - LANEW2412R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW2412R WALL-LANEW2412R Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW2412R3 WALL-LANEW2412R3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW2412R3 WALL-LANEW2412R3 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
LANEW2412R3H WALL-LANEW2412R3H Datasheet
168Kb / 4P
   Low Ripple & Noise
LANEW2412RD WALL-LANEW2412RD Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
More results

Similar Description - LANEW2412R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
MSKW WALL-MSKW_16 Datasheet
209Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
CB12S1.5-8500 WALL-CB12S1.5-8500 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW3 WALL-LANEW3 Datasheet
178Kb / 4P
   3 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
KR12S33-1000 WALL-KR12S33-1000 Datasheet
153Kb / 3P
   6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com