Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANK1212W10 Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # LANK1212W10
Description  2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK1212W10 Datasheet(HTML) 5 Page - Wall Industries,Inc.

  LANK1212W10 Datasheet HTML 1Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 2Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 3Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 4Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 5Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 6Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 7Page - Wall Industries,Inc. LANK1212W10 Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANK 10W Series
2:1 Wide Input Range
Single and Dual Output
10 Watt DC/DC Converter
DESIGN & FEATURE CONSIDERATONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary to use a
capacitor at the input to ensure startup.
By using a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100kHz) capacitor of 12µF for the 12V
input devices, a 4.7µF for the 24V input devices, and a 2.2µF for the 48V input devices. A capacitor mounted
close to the power module helps ensure stability of the unit.
Maximum Capacitive Load
The LANK 10W Series has a limitation of maximum connected capacitance on the output. The power module
may operate in current limiting mode during start-up, affecting the ramp-up and the startup time. The maximum
capacitance can be found in the “Output Voltage / Current Rating Chart.”
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting
circuitry and can endure current limiting for an unlimited duration. At the point of current-limit inception, the unit
shifts from voltage control to current control. The unit operates normally once the output current is brought back
into its specified range.
Over Voltage Protection
The Output over voltage clamp consists of control circuitry, which is independent of the primary regulation loop
that monitors the voltage on the output terminals. The control loop of the clamp has a higher voltage set point
than the primary loop. This provides a redundant voltage control that reduces the risk of output over voltage.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the
module, and board spacing. To avoid exceeding the maximum temperature rating of the components inside the
power module, the case temperature must be kept below 95°C. The derating curves are determined from
measurements obtained in an experimental apparatus.


Similar Part No. - LANK1212W10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK1212W10 WALL-LANK1212W10 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results

Similar Description - LANK1212W10

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com