Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V53C16125H Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part No. V53C16125H
Description  HIGH PERFORMANCE 128K X 16 BIT FAST PAGE MODE CMOS DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V53C16125H Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
V53C16125H Rev. 1.6 September 1998
MOSEL VITELIC
V53C16125H
FAMILY
DEVICE
PKG.
(tRAC)
SPEED
PWR.
V
5
3
C
125
40 (40 ns)
16125H-01
45 (45 ns)
50 (50 ns)
60 (60 ns)
TEMP.
BLANK (0
¡C to 70¡C)
BLANK (NORMAL)
(SOJ)
K
(TSOP-II)
T
H
16
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
5
6
7
8
9
10
11
12
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
40
39
38
37
36
35
34
33
32
31
30
29
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
16125H-02
5
6
7
8
9
10
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16125H-03
43
44
42
41
40
39
38
37
36
35
13
14
15
16
17
18
19
20
21
22
32
31
30
29
28
27
26
25
24
23
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
A8
A7
A6
A5
A4
Vss
Description
Pkg.
Pin Count
SOJ
K
40
TSOP-II
T
40/44L
Absolute Maximum Ratings*
Ambient Temperature
Under Bias ................................ –10
°C to +80°C
Storage Temperature (plastic) ..... –55
°C to +125°C
Voltage Relative to VSS .................–1.0 V to +7.0 V
Data Output Current ..................................... 50 mA
Power Dissipation .......................................... 1.0 W
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 5 V ± 10%, VSS = 0 V
*Note: Capacitance is sampled and not 100% tested
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Address Input
3
4
pF
CIN2
RAS, CAS, WE, OE
45
pF
COUT
Data Input/Output
5
7
pF
40-Pin Plastic SOJ
PIN CONFIGURATION
Top View
40/44L-Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
A0–A8
Address Inputs
RAS
Row Address Strobe
UCAS
Column Address
Strobe/Upper Byte
Control
LCAS
Column Address
Strobe/Lower Byte
Control
WE
Write Enable
OE
Output Enable
I/O1–I/O16
Data Input, Output
VCC
+5V Supply
VSS
0V Supply
NC
No Connect


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn