Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC485.1W12 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANC485.1W12
Description  Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC485.1W12 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANC485.1W12 Datasheet HTML 1Page - Wall Industries,Inc. LANC485.1W12 Datasheet HTML 2Page - Wall Industries,Inc. LANC485.1W12 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW12 Series
Single and Dual Output
12 Watt DC/DC Converter
2:1 Ultra Wide Input Voltage
MECHANICAL DRAWING
(DIP) PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
-INPUT
-INPUT
23
+INPUT
+INPUT
3
-INPUT
-INPUT
22
+INPUT
+INPUT
9
NC
COMMON
16
-OUTPUT COMMON
11
NC
-OUTPUT
14
+OUTPUT +OUTPUT
Recommended Filter for EN55022 Class B Compliance
+Vin
-Vin
+Vout
-Vout
L1
D/D Converter
C1
C4
C3
Load
C2
+INPUT
-INPUT
1
2
3
4
Recommended EN55022 Class B Filter Circuit Layout
FIGURE 1
FIGURE 2
DIP TYPE
SMT TYPE
(add suffix “S”)
(SMT) PIN CONNECTION
PIN
SINGLE
DUAL
PIN
SINGLE
DUAL
1
CTRL
CTRL
2
-INPUT
-INPUT
23
+INPUT
+INPUT
3
-INPUT
-INPUT
22
+INPUT
+INPUT
9
NC
COMMON
16
-OUTPUT COMMON
11
NC
-OUTPUT
14
+OUTPUT +OUTPUT
Others
NC
NC
Others
NC
NC
LANCW12
SERIES
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
14
23
22
16
3
9
2
1
11
0.600(15.24)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)
1. All dimensions are in inches (mm)
Tolerance: XX.XX ±0.02 (X.X±0.5)
XX.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
The components used in Figure 1, together with the manufacturers’ part numbers for
these components, are as follows:
C1
C2
C3
C4
L1
LANC12xxxW12
3.3uF/50V
N/A
1000pF/2KV
1000pF/2KV
325uF
Common Choke
LANC24xxxW12
4.7uF/50V
N/A
1000pF/2KV
1000pF/2KV
325uF
Common Choke
LANC48xxxW12
2.2uF/100V
2.2uF/100V
1000pF/2KV
1000pF/2KV
325uF
Common Choke


Similar Part No. - LANC485.1W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC485.1W12-S WALL-LANC485.1W12-S Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
More results

Similar Description - LANC485.1W12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANCW5 WALL-LANCW5 Datasheet
231Kb / 3P
   Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com