Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANK10W Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # LANK10W
Description  2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANK10W Datasheet(HTML) 2 Page - Wall Industries,Inc.

  LANK10W Datasheet HTML 1Page - Wall Industries,Inc. LANK10W Datasheet HTML 2Page - Wall Industries,Inc. LANK10W Datasheet HTML 3Page - Wall Industries,Inc. LANK10W Datasheet HTML 4Page - Wall Industries,Inc. LANK10W Datasheet HTML 5Page - Wall Industries,Inc. LANK10W Datasheet HTML 6Page - Wall Industries,Inc. LANK10W Datasheet HTML 7Page - Wall Industries,Inc. LANK10W Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANK 10W Series
2:1 Wide Input Range
Single and Dual Output
10 Watt DC/DC Converter
SPECIFICATION (CONTINUED)
TEST CONDITIONS
Min
Nom
Max
Unit
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+60
°C
Operating Temperature (Case)
-40
+90
°C
Storage Temperature
-40
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1,000,000 Hours
PHYSICAL
Weight
17.3 grams
Dimensions
31.8(L) x 20.3(W) x 10.2(H) mm
Case Material
Metal with non-conductive baseplate
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current (Typ)
Model Number
Input Voltage
Output
Voltage
Min
Max
No Load
Max Load
Reflected Ripple
Current (Typ)
Efficiency
(Typ)
Max Capacitive
Load
LANK1233W10
3.3 VDC
300mA
3000mA
1006mA
82%
2200µF
LANK1205W10
5 VDC
200mA
2000mA
1004mA
83%
2200µF
LANK1251W10
5.1 VDC
200mA
2000mA
1024mA
83%
2200µF
LANK1212W10
12 VDC
83mA
833mA
957mA
87%
820µF
LANK1215W10
15 VDC
66.6mA
666mA
968mA
86%
470µF
LANK1212DW10
±12 VDC
±42mA
±416mA
957mA
87%
220µF
LANK1215DW10
12 VDC
(9 – 18 VDC)
±15 VDC
±33mA
±333mA
40mA
968mA
60mA
86%
150µF
LANK2425W10
2.5 VDC
300mA
3000mA
377mA
83%
2200µF
LANK2433W10
3.3 VDC
300mA
3000mA
485mA
85%
2200µF
LANK2405W10
5 VDC
200mA
2000mA
479mA
87%
2200µF
LANK2451W10
5.1 VDC
200mA
2000mA
489mA
87%
2200µF
LANK2412W10
12 VDC
83mA
833mA
479mA
87%
820µF
LANK2415W10
15 VDC
66.6mA
666mA
478mA
87%
470µF
LANK2412DW10
±12 VDC
±42mA
±416mA
473mA
87%
220µF
LANK2415DW10
24 VDC
(18 – 36 VDC)
±15 VDC
±33mA
±333mA
20mA
478mA
40mA
87%
150µF
LANK4825W10
2.5 VDC
300mA
3000mA
188mA
83%
2200µF
LANK4833W10
3.3 VDC
300mA
3000mA
243mA
85%
2200µF
LANK4805W10
5 VDC
200mA
2000mA
239mA
87%
2200µF
LANK4851W10
5.1 VDC
200mA
2000mA
244mA
87%
2200µF
LANK4812W10
12 VDC
83mA
833mA
240mA
87%
820µF
LANK4815W10
15 VDC
66.6mA
666mA
239mA
87%
470µF
LANK4812DW10
±12 VDC
±42mA
±416mA
236mA
87%
220µF
LANK4815DW10
48 VDC
(36 – 75 VDC)
±15 VDC
±33mA
±333mA
10mA
243mA
40mA
87%
150µF
NOTES
1. Specifications typical at +25°C, resistive load, nominal input voltage, rated output current unless otherwise noted.
2. Transient Recovery Time is measured to within 1% error band for a step change in output of 75% to 100%.
3. Ripple and noise measured at 20MHz bandwidth.
4. The LANK 10W Series requires a minimum load on the output to maintain specified regulation. Operation under
no-load conditions will not damage these devices, however they may not meet all listed specifications.
5. All DC/DC converters should be externally fused on the front end for protection.
6. Other input and output voltages may be available, please contact factory.
7. Specifications subject to change without notice.


Similar Part No. - LANK10W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
More results

Similar Description - LANK10W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR5S5-2000 WALL-JR5S5-2000 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com