Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE512ND Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANE512ND
Description  Up to 2 Watts DC/DC Converter Single and Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE512ND Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANE512ND Datasheet HTML 1Page - Wall Industries,Inc. LANE512ND Datasheet HTML 2Page - Wall Industries,Inc. LANE512ND Datasheet HTML 3Page - Wall Industries,Inc. LANE512ND Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN E Series
Up to 2 Watts
DC/DC Converter
Single and Dual Output
FEATURES
● 7 Pin SIP Package
● 1000VDC I/O Isolation
● Single and Dual Outputs
● UL 94V-0 Package Material
● Up to 2 Watts Output Power
● Low Reflected Ripple Current
● Input 3.3, 5, 12, 15, 24, and 48VDC
● Industrial Grade -40°C to +85°C “I” Option
● 2 Watt models available (Add suffix “2” to the part number)
SPECIFICATIONS: LAN E Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ................................................... ±10%
Nominal Input Voltage ............ 3.3, 5, 12, 15, 24, & 48 VDC
Input Voltage Tolerance................................................ ±5%
Input Filtering ......................................Low ESR Capacitors
OUTPUT SPECIFICATIONS
Output Voltage .......................................................see table
Voltage Tolerance...................±5% (nom. Line, 100% load)
Output Current .......................................................see table
Output Power .....................................................1 watt max.
Line Regulation (10% to 100% FL)......... ±1.2% / 1% of Vin
Load Regulation (10% to 100% FL)
5V output .......................................................... 15% max
9, 12, and 15V outputs ..................................... 10% max
Ripple/Noise (20 MHz BW)
3.3 and 48V inputs .................................150mVp-p max.
5, 12, 15, and 24V inputs .......................100mVp-p max.
PROTECTION SPECIFICATIONS
Short Circuit Protection....................................... Short term
GENERAL SPECIFICATIONS
Efficiency ................................................................. 70% typ.
Switching Frequency......................................... 100KHz typ.
Isolation Voltage (Input to Output) .................1000VDC min.
Isolation Resistance ..................... 1000MΩ min. @ 500VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature.................................... 0°C ~ +70°C
“I” suffix ....................................................-40°C ~ +85°C
Storage Temperature .................................. -40°C ~ +100°C
Cooling ................................................... Free air convection
MTBF............................................ See MTBF chart (page 3)
PHYSICAL SPECIFICATIONS
Dimensions
3.3, 5, 12, 15, and 24V inputs ...........19.5(L) x 6(W) x 10(H) mm
48V input ........................................19.5(L) x 7.5(W) x 10(H) mm
Case Material ......................... Non-Conductive black plastic
Potting material ......................................... Epoxy (UL94-V0)
Due to advances in technology, specifications subject to change without notice
NOTES
1. For industrial grade operating temperature of -40°C to +85°C add suffix “I” to the part number.
2. All case and pin-to-case measurements for reference only unless otherwise noted.
3. For 2 watt models, add suffix "2" to the part number and increase the width from 6mm to 7.5mm.
4. 2 Watt models are not available with 48V input.
5. Dimensions of 3.3, 5, 12, 15, and 24V input models are 19.5(L) x 6(W) x 10(H) mm. The dimensions of the 48V input models and the 2
watt models are 19.5(L) x 7.5(W) x 10(H) mm.


Similar Part No. - LANE512ND

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE512ND WALL-LANE512ND Datasheet
571Kb / 5P
   1 Watts DC/DC Power Converters Single and Dual Outputs
LANE512ND2 WALL-LANE512ND2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
LANE512ND6KV WALL-LANE512ND6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANE512ND6KV WALL-LANE512ND6KV Datasheet
127Kb / 5P
   1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
LANE512ND6KV WALL-LANE512ND6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE512ND

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCSDW01 WALL-DCSDW01 Datasheet
433Kb / 6P
   Up to 1.08 Watts DC/DC Converter Single and Dual Output
LANF WALL-LANF Datasheet
126Kb / 3P
   Up to 1.8 Watts DC/DC Converter Single and Dual Output
DCSDW05 WALL-DCSDW05 Datasheet
306Kb / 5P
   Up to 5.04 Watts DC/DC Converter Single and Dual Output
LANC-LN WALL-LANC-LN Datasheet
395Kb / 6P
   Up to 5 Watts DC-DC Converter Single and Dual Output
DCSDW03 WALL-DCSDW03 Datasheet
314Kb / 5P
   Up to 3 Watts DC/DC Converter Single and Dual Output
LANE2 WALL-LANE2 Datasheet
448Kb / 4P
   2 Watts DC/DC Converter Single and Dual Output
DCMFW02 WALL-DCMFW02 Datasheet
296Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
DCMSE02-HI WALL-DCMSE02-HI Datasheet
306Kb / 5P
   2 Watts DC/DC Converter Single and Dual Output
LANK WALL-LANK_18 Datasheet
298Kb / 7P
   2~4 Watts DC/DC Converter Single and Dual Output
DCLSR01 WALL-DCLSR01 Datasheet
336Kb / 5P
   Up to 15 Watts DC/DC Converter Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com