Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANEUW2415R Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # LANEUW2415R
Description  Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANEUW2415R Datasheet(HTML) 5 Page - Wall Industries,Inc.

  LANEUW2415R Datasheet HTML 1Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 2Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 3Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 4Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 5Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 6Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 7Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 8Page - Wall Industries,Inc. LANEUW2415R Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANEUW Series
Single and Dual Output
2 Watt DC/DC Converter
4:1 Ultra Wide Input Range
DESIGN & FEATURE CONSIDERATIONS
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and output loading is high, it may be necessary
to use a capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps ensure stability of the unit, it is recommended to
use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz) capacitor of a 1.5uF for
the 24V and 48V input devices.
Maximum Capacitive Load
The LANEUW Series has a limitation of maximum connected capacitance on the output. The power
module may be operated in current limiting mode during start-up, affecting the ramp-up and the startup
time. The maximum capacitance can be found in the “Output Voltage / Current Rating Chart.”
Over Current Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current
limiting circuitry and can endure current limiting for an unlimited duration. At the point of current-limit
inception, the unit shifts from voltage control to current control. The unit operates normally once the
output current is brought back into its specified range.


Similar Part No. - LANEUW2415R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANEUW2415R WALL-LANEUW2415R Datasheet
523Kb / 7P
   RoHS Compliant
LANEUW2415R2H WALL-LANEUW2415R2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
LANEUW2415R3 WALL-LANEUW2415R3 Datasheet
300Kb / 5P
   3 Watts Maximum Output Power
LANEUW2415RD WALL-LANEUW2415RD Datasheet
523Kb / 7P
   RoHS Compliant
LANEUW2415RD2H WALL-LANEUW2415RD2H Datasheet
208Kb / 4P
   2 Watts Maximum Output Power
More results

Similar Description - LANEUW2415R

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
DMW24S33-3000 WALL-DMW24S33-3000 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
LANCW12 WALL-LANCW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com