Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST24W04 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST24W04
Description  4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST24W04 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST24W04 Datasheet HTML 8Page - STMicroelectronics ST24W04 Datasheet HTML 9Page - STMicroelectronics ST24W04 Datasheet HTML 10Page - STMicroelectronics ST24W04 Datasheet HTML 11Page - STMicroelectronics ST24W04 Datasheet HTML 12Page - STMicroelectronics ST24W04 Datasheet HTML 13Page - STMicroelectronics ST24W04 Datasheet HTML 14Page - STMicroelectronics ST24W04 Datasheet HTML 15Page - STMicroelectronics ST24W04 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
PSDIP-a
A2
A1
A
L
e1
D
E1
E
N
1
C
eA
eB
B1
B
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.90
5.90
0.154
0.232
A1
0.49
0.019
A2
3.30
5.30
0.130
0.209
B
0.36
0.56
0.014
0.022
B1
1.15
1.65
0.045
0.065
C
0.20
0.36
0.008
0.014
D
9.20
9.90
0.362
0.390
E
7.62
0.300
E1
6.00
6.70
0.236
0.264
e1
2.54
0.100
eA
7.80
0.307
eB
10.00
0.394
L
3.00
3.80
0.118
0.150
N8
8
Drawing is not to scale
PSDIP8 - 8 pin Plastic Skinny DIP, 0.25mm lead frame
14/16
ST24/25C04, ST24/25W04


Similar Part No. - ST24W04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24W01 STMICROELECTRONICS-ST24W01 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24W01B1TR STMICROELECTRONICS-ST24W01B1TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24W01B3TR STMICROELECTRONICS-ST24W01B3TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24W01B5TR STMICROELECTRONICS-ST24W01B5TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
ST24W01B6TR STMICROELECTRONICS-ST24W01B6TR Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
More results

Similar Description - ST24W04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
M93S46-W STMICROELECTRONICS-M93S46-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
M34S32 STMICROELECTRONICS-M34S32 Datasheet
156Kb / 18P
   32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
   16-Kbit serial I2C bus EEPROM
Rev 11 - October 2020
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
   16 Kbit Serial I2C BUS EEPROM
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com