Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC1215W8 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANC1215W8
Description  Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC1215W8 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANC1215W8 Datasheet HTML 1Page - Wall Industries,Inc. LANC1215W8 Datasheet HTML 2Page - Wall Industries,Inc. LANC1215W8 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW8 Series
Single and Dual Output
8 Watt DC/DC Converter
2:1 Wide Input Voltage Range
FEATURES
● 8 Watts Output Power
● Output Current up to 2A
● High Efficiency up to 85%
● Five-Sided Continuous Shield
● 2:1 Wide Input Voltage Range
● Fixed Switching Frequency (300KHz)
● Standard 1.25 x 0.8 x 0.4 Inch Package
● ISO9001 Certified Manufacturing Facilities
● Compliant to RoHS EU Directive 2002/95/EC
● Standard 24 Pin DIP Package & SMT Type Package
SPECIFICATIONS: LANCW8 Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input .......................... 9-18VDC
24V nominal input ........................ 18-36VDC
48V nominal input ........................ 36-75VDC
Input Filter ....................................................................................... Pi Type
Input Surge Voltage (100ms max) ....... 12V input ...........................36VDC
24V input ...........................50VDC
48V input .........................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load) .........700ms max.
Remote ON/OFF (See Note 6)
(Positive Logic)............... DC-DC ON.............Open or 3.5V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Input Current of Remote Control Pin (nominal Vin) ........ -0.5mA ~ +0.5mA
Remote Off State Input Current (nominal Vin) ..................................2.5mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Output Current ..............................................................................see table
Output Power .......................................................................... 8 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (no load to full load) ...... Single Output (DIP) ....... ±0.5%
Single Output (SMT).......... ±1%
Dual Output (SMT, DIP) .... ±1%
Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ ±5%
Minimum Load ....................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................50mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................200us
PROTECTION SPECIFICATIONS
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection. ............................Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency.......................................................................................see table
Switching Frequency................................................................300KHz typ.
GENERAL SPECIFICATIONS (Continued)
Isolation Voltage
Input to Output............................................................... 1600VDC min.
Input (Output) to Case (DIP).......................................... 1600VDC min.
Input (Output) to Case (SMT) ........................................ 1000VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ............................................................... 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C ~ +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ............................................................. 100°C
Relative Humidity (non-condensing) .....................................5% to 95% RH
Thermal Impedance (Natural Convection) ................................. 20°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 1) .......................................................... 3.053 x 10
6 hours
PHYSICAL SPECIFICATIONS
Weight ....................................DIP Type ................................. 16g (0.55 oz)
SMT Type................................ 18g (0.62 oz)
Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm)
Case Material ..............................................................Nickel-coated copper
Base Material...................................................Non-conductive black plastic
Potting material..................................................................Epoxy (UL94-V0)
Shielding...................................................................................... five - sided
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI (Note 7) .......................EN55022 .............................................. Class A
ESD ....................EN61000-4-2……..
…….Perf. Criteria B
Radiated Immunity..............EN61000-4-3............... 10V/m Perf. Criteria A
Fast Transient.....................EN61000-4-4................. ±2KV Perf. Criteria B
Surge (See Note 8).............EN61000-4-5................. ±1KV Perf. Criteria B
Conducted Immunity...........EN61000-4-6............ 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment
Air ± 8KV
Contact ± 6KV


Similar Part No. - LANC1215W8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC1215W12 WALL-LANC1215W12 Datasheet
877Kb / 14P
   DC/DC Converter 9-18 VDC Input 15 VDC Output at 0.8A
LANC1215W12 WALL-LANC1215W12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage
LANC1215W12-S WALL-LANC1215W12-S Datasheet
877Kb / 14P
   DC/DC Converter 9-18 VDC Input 15 VDC Output at 0.8A
LANC1215W15 WALL-LANC1215W15 Datasheet
276Kb / 5P
   Single and Dual Outputs
LANC1215W3 WALL-LANC1215W3 Datasheet
105Kb / 3P
   Wide Input Range, Dual In-Line Package
More results

Similar Description - LANC1215W8

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANK10W WALL-LANK10W_16 Datasheet
249Kb / 9P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANK10W WALL-LANK10W Datasheet
246Kb / 8P
   2:1 Wide Input Range Single and Dual Output 10 Watt DC/DC Converter
LANEW WALL-LANEW Datasheet
189Kb / 4P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
LANEW WALL-LANEW_16 Datasheet
210Kb / 5P
   2 Watt DC/DC Converter Single and Dual Outputs 2:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
   DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com