Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G6C-1114P-US Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. G6C-1114P-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6C-1114P-US Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6C-1114P-US Datasheet HTML 1Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 2Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 3Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 4Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 5Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 6Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 7Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 8Page - Omron Electronics LLC G6C-1114P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Power PCB Relay
G6C
647
I Characteristic Data
Non-latching Types
Latching Types
Dimensions
Unit: mm (inch)
I Non-latching Relays
G6C- 117P-US
Note:
and
indicate mounting orientation marks.
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating current (A)
Ambient temperature (
°C)
Maximum switching capacity
Electrical service life
Ambient temperature
maximum voltage
(reference only)
SPST-NO
SPST-NO + SPST-NC
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating current (A)
Ambient temperature (
°C)
Maximum switching capacity
Electrical service life
Ambient temperature
maximum voltage
(reference only)
SPST-NO
SPST-NO + SPST-NC
Terminal arrangement/
Internal connections
(Bottom view)
G6C-1117P-US, G6C-1114P-US
Mounting holes
[Bottom view, Tolerance ±2.54 (0.10)]


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
G2R-1APCB Relay A Power Relay for a Variety of Purposes with Various Models 1 2 3 4 5 MoreOmron Electronics LLC
RX114524CPower PCB Relay 1 2 3 4 Tyco Electronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
JM1ANCOMPACT POWER RELAY FOR INDUCTIVE LOAD 1 2 3 4 Nais(Matsushita Electric Works)
JQX-13FMINIATURE INTERMEDIATE POWER RELAY 1 2 3 List of Unclassifed Manufacturers
CPC1916YPower SIP Relay 1 2 3 4 5 Clare, Inc.
FRL-274HIGH POWER RELAY 1 POLE-12 30 40 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
HF105F-1MINIATURE HIGH POWER RELAY 1 2 3 4 5 MoreHongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn