Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G6C-1114P-US Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. G6C-1114P-US
Description  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G6C-1114P-US Datasheet(HTML) 3 Page - Omron Electronics LLC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
646
Power PCB Relay
G6C
I Coil Data
Dual-winding Latching Type
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C (73°F) with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C (73°F).
3. The minimum pulse width of the set and reset voltage is 20 ms.
I Characteristics
Note: Data shown are of initial value.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set
Coil
Reset
Coil
% of rated voltage
3
93.50
32.10
0.03
0.03
70% max.
70% max.
160% max.
at 23°C (73°F)
Approx. 280
5
56
89.30
0.07
0.08
6
46.70
129
0.10
0.12
110% max.
at 70°C
(158°F)
12
23.30
514
0.37
0.47
24
11.70
2,056
1.56
1.46
Non-latching
Latching
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: approx. 5 ms)
Release (reset) time
10 ms max. (mean value: approx. 2 ms)
Bounce time
Operate
Approx. 3 ms
Release
Approx. 3 ms
Operating
frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute between coil and contacts, non-latching types
2,000 VAC, 50/60 Hz for 1 minute between contacts of different poles, non-latching
1,000 VAC, 50/60 Hz for 1 minute between contacts of same pole, non-latching
250 VAC, 50/60 Hz for 1 minute between set and reset coils, latching types
Surge withstand voltage
4,500 V x 40 µs (between coil and contacts, non-latching)
Vibration
Mechanical durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Malfunction durability
10 to 55 Hz; 1.50 mm (0.06 in) double amplitude
Shock
Mechanical durability
Approx. 100 G
Malfunction durability
Approx. 10 G
Ambient temperature
-25 to 70°C (-13° to 158°F)
Humidity
45 to 85% RH
Service life
Mechanical
50 million operations min. (at operating frequency of 18,000 operations/hour)
Electrical
See “Characteristic Data”
Weight
Approx. 5.6 g (0.20 oz)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
G2R-1APCB Relay A Power Relay for a Variety of Purposes with Various Models 1 2 3 4 5 MoreOmron Electronics LLC
RX114524CPower PCB Relay 1 2 3 4 Tyco Electronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
JM1ANCOMPACT POWER RELAY FOR INDUCTIVE LOAD 1 2 3 4 Nais(Matsushita Electric Works)
JQX-13FMINIATURE INTERMEDIATE POWER RELAY 1 2 3 List of Unclassifed Manufacturers
CPC1916YPower SIP Relay 1 2 3 4 5 Clare, Inc.
FRL-274HIGH POWER RELAY 1 POLE-12 30 40 A FOR AUTOMOTIVE APPLICATIONS 1 2 3 4 5 MoreFujitsu Component Limited.
HF3FDSUBMINIATURE HIGH POWER RELAY 1 2 List of Unclassifed Manufacturers
PVG612AMicroelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole Normally Open 0-60V 2.0A AC/ 4.0 A DC 1 2 3 4 5 International Rectifier
HF105F-1MINIATURE HIGH POWER RELAY 1 2 3 4 5 MoreHongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn