Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13110AFB Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC13110AFB
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13110AFB Datasheet(HTML) 1 Page - Motorola, Inc

  MC13110AFB Datasheet HTML 1Page - Motorola, Inc MC13110AFB Datasheet HTML 2Page - Motorola, Inc MC13110AFB Datasheet HTML 3Page - Motorola, Inc MC13110AFB Datasheet HTML 4Page - Motorola, Inc MC13110AFB Datasheet HTML 5Page - Motorola, Inc MC13110AFB Datasheet HTML 6Page - Motorola, Inc MC13110AFB Datasheet HTML 7Page - Motorola, Inc MC13110AFB Datasheet HTML 8Page - Motorola, Inc MC13110AFB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
MC13111AFB
MC13111AFTA
MC13111BFB
MC13111BFTA
MC13110A/B
MC13111A/B
UNIVERSAL
NARROWBAND FM RECEIVER
INTEGRATED CIRCUIT
FB SUFFIX
PLASTIC PACKAGE
CASE 848B
(QFP–52)
52
Order this document by MC13110A/D
1
Device
Tested Operating
Temperature Range
Package
ORDERING INFORMATION
MC13110AFB
TA = – 40° to +85°C
QFP–52
FTA SUFFIX
PLASTIC PACKAGE
CASE 932
(LQFP–48)
48 1
MC13110AFTA
LQFP–48
MC13110BFB
QFP–52
MC13110BFTA
LQFP–48
QFP–52
LQFP–48
QFP–52
LQFP–48
1
MOTOROLA ANALOG IC DEVICE DATA
Advance Information
Universal Cordless Telephone
Subsystem IC
The MC13110A/B and MC13111A/B integrates several of the functions
required for a cordless telephone into a single integrated circuit. This
significantly reduces component count, board space requirements, external
adjustments, and lowers overall costs. It is designed for use in both the
handset and the base.
MC13110A and MC13111A: Fully Programmable in all Power Modes
MC13110B and MC13111B: MPU Clk Out and Second Local Oscillator
are “Always On”. There is No Inactive Mode
Dual Conversion FM Receiver
– Complete Dual Conversion Receiver – Antenna Input to Audio Out
80 MHz Maximum Carrier Frequency
– RSSI Output
– Carrier Detect Output with Programmable Threshold
– Comparator for Data Recovery
– Operates with Either a Quad Coil or Ceramic Discriminator
Compander
– Expander Includes Mute, Digital Volume Control, Speaker Driver,
Programmable Low Pass Filter, and Gain Block
– Compressor Includes Mute, Programmable Low Pass Filter, Limiter,
and Gain Block
MC13110A/B only: Frequency Inversion Scrambler
– Function Controlled via MPU Interface
– Programmable Carrier Modulation Frequency
Dual Universal Programmable PLL
– Supports New 25 Channel U.S. Standard with No External Switches
– Universal Design for Domestic and Foreign Cordless Telephone
Standards
– Digitally Controlled Via a Serial Interface Port
– Receive Side Includes 1st LO VCO, Phase Detector, and 14–Bit
Programmable Counter and 2nd LO with 12–Bit Counter
– Transmit Section Contains Phase Detector and 14–Bit Counter
– MPU Clock Outputs Eliminates Need for MPU Crystal
Low Battery Detect
– Provides Two Levels of Monitoring with Separate Outputs
– Separate, Adjustable Trip Points
2.7 to 5.5 V Operation (15 µA Current Consumption in Inactive Mode)
AN1575: Refer to this Application Note for a List of the “Worldwide
Cordless Telephone Frequencies
Rx Phase
Detector
Tx Phase
Detector
Low Battery
Detect
Simplified Block Diagram
This device contains 8262 active transistors.
Expander
1st
Mixer
Data Out
Rx In
2nd
Mixer
Tx PD Out
Tx Out
Limiting IF
Amplifier
Detector
Rx Out
Tx In
Low Battery
Indicator
Rx PD In
Rx PD Out
1st LO
2nd LO
Carrier Detect Out
SPI
RSSI
RSSI
µP Serial
Interface
Compressor
Scrambler
Scrambler
= MC13110A/B Only
NOTE:
MPU Clock Out
2nd LO
This document contains information on a new product. Specifications and information herein
are subject to change without notice.
© Motorola, Inc. 1997
Rev 0


Similar Part No. - MC13110AFB

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

Similar Description - MC13110AFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com