Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C850L Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16C850L
Description  1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C850L Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16C850L Datasheet HTML 3Page - NXP Semiconductors SC16C850L Datasheet HTML 4Page - NXP Semiconductors SC16C850L Datasheet HTML 5Page - NXP Semiconductors SC16C850L Datasheet HTML 6Page - NXP Semiconductors SC16C850L Datasheet HTML 7Page - NXP Semiconductors SC16C850L Datasheet HTML 8Page - NXP Semiconductors SC16C850L Datasheet HTML 9Page - NXP Semiconductors SC16C850L Datasheet HTML 10Page - NXP Semiconductors SC16C850L Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
SC16C850L_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 13 December 2007
7 of 54
NXP Semiconductors
SC16C850L
1.8 V single UART with 128-byte FIFOs and IrDA encoder/decoder
D0
F4
29
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data stream.
D1
E4
30
I/O
D2
F5
31
I/O
D3
E5
32
I/O
D4
F6
1
I/O
D5
E6
3
I/O
D6
D6
4
I/O
D7
D5
5
I/O
INT
(IRQ)
-
20
O
When 16/68 pin is at logic 1 or unconnected, this output becomes active HIGH
interrupt output. The output state is defined by the user through the software
setting of MCR[5]. INT is set to the active mode when MCR[5] is set to a
logic 1. INT is set to the open-source mode when MCR[5] is set to a logic 0.
When 16/68 pin is at logic 0, this output becomes device interrupt output
(active LOW, open-drain). An external pull-up resistor to VDD is required.
INT
D1
-
O
Interrupt output (active HIGH). The output state is defined by the user
through the software setting of MCR[5]. INT is set to the active mode when
MCR[5] is set to a logic 1. INT is set to the open-source mode when MCR[5] is
set to a logic 0.
IOR
(VDD)
-
14
I
When 16/68 pin is at logic 1, this input becomes the read strobe (active LOW).
When 16/68 pin is at logic 0, this input pin is not used and should be
connected to VDD.
IOR
A3
-
I
Read strobe (active LOW).
IOW
(R/W)
-
12
I
When 16/68 pin is at logic 1 or unconnected, this input becomes the write
strobe (active LOW).
When 16/68 pin is at logic 0, this input becomes read strobe when it is at logic
HIGH, and write strobe when it is at logic LOW.
IOWB4
-
I
Write strobe (active LOW).
LOWPWR
B5
9
I
Low Power. When asserted (active HIGH), the device immediately goes into
low power mode. The oscillator is shut-off and some host interface pins are
isolated from the host’s bus to reduce power consumption. The device only
returns to normal mode when the LOWPWR pin is de-asserted. On the
negative edge of a de-asserting LOWPWR signal, the device is automatically
reset and all registers return to their default reset states. This pin has an
internal pull-down resistor, therefore, it can be left unconnected (refer to
Section 6.12 “Low power feature”).
RESET
(RESET)
-23
I
Master Reset. When 16/68 pin is at logic 1 or unconnected, this input
becomes the RESET pin (active HIGH).
When 16/68 pin is at logic LOW, this input pin becomes RESET (active LOW).
(See Section 7.23 “SC16C850L external reset condition and software reset”
for initialization details.)
RESET
F1
-
I
Reset input (active HIGH). See Section 7.23 “SC16C850L external reset
condition and software reset” for initialization details.
RI
F3
27
I
Ring Indicator (active LOW). A logic 0 on this pin indicates the modem has
received a ringing signal from the telephone line. A logic 1 transition on this
input pin will generate an interrupt if modem status interrupt is enabled. Status
can be tested by reading MCR[6].
Table 2.
Pin description …continued
Symbol
Pin
Type
Description
TFBGA36
HVQFN32


Similar Part No. - SC16C850L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850IBS NXP-SC16C850IBS Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850IET NXP-SC16C850IET Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C850SV NXP-SC16C850SV Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
More results

Similar Description - SC16C850L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C852L PHILIPS-SC16C852L Datasheet
284Kb / 60P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 02-25 January 2007
SC16C852L NXP-SC16C852L Datasheet
299Kb / 63P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
Rev. 03-18 January 2008
SC16C850 NXP-SC16C850 Datasheet
253Kb / 53P
   2.5 V to 3.3 V UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and 16 mode or 68 mode parallel bus interface
Rev. 01-10 January 2008
SC16C850V NXP-SC16C850V Datasheet
216Kb / 47P
   1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C852V NXP-SC16C852V_08 Datasheet
268Kb / 54P
   1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 04-14 January 2008
SC16C850SV NXP-SC16C850SV_V01 Datasheet
987Kb / 48P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 2-22 March 2011
SC16C850SV NXP-SC16C850SV Datasheet
228Kb / 46P
   1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-8 July 2008
SC16C852SV NXP-SC16C852SV Datasheet
232Kb / 48P
   1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface
Rev. 01-23 September 2008
SC68C2550B NXP-SC68C2550B Datasheet
182Kb / 36P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface
Rev. 03-9 October 2009
SC68C652B NXP-SC68C652B Datasheet
205Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.) with 32-byte FIFOs, IrDA encoder/decoder, and 68 mode mP interface
Rev. 02-2 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com