Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5406 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # UF5406
Description  3.0A Ultra Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

UF5406 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  UF5406 Datasheet HTML 1Page - TAITRON Components Incorporated UF5406 Datasheet HTML 2Page - TAITRON Components Incorporated UF5406 Datasheet HTML 3Page - TAITRON Components Incorporated UF5406 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
UF5400 – UF5408
3.0A Ultra Fast Recovery Rectifier
3.0A Ultra Fast Recovery Rectifier
Features
• Glass passivated chip junction
• Low forward voltage, high current capability
• Low leakage, high surge capability
• High temperature soldering guaranteed: 250°C, 0.375” (9.5mm)
Lead length for 10 seconds, 5 lbs. (2.3kg) tension
• Plastic package has UL Flammability Classification 94V-0
• RoHS Compliance
Mechanical Data
Case:
JEDEC DO-201AD molded plastic over passivated chip
Terminals:
Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Mounting Position:
Any
Weight:
1.1 grams
Maximum Ratings and Electrical Characteristics (T A=25ºC unless otherwise noted)
Symbol
Description
UF5400
UF5401
UF5402
UF5403
UF5404
UF5405
UF5406
UF5407
UF5408
Unit
Conditions
VRRM
Max.
Repetitive
Peak
Reverse
Voltage
50
100
200
300
400
500
600
800
1000
V
VDC
Max. DC
Blocking
Voltage
35
70
140
210
280
350
420
560
700
V
VRMS
Max. RMS
Voltage
50
100
200
300
400
500
600
800
1000
V
VF
Max.
Forward
Voltage
1.0
1.7
V
IF(AV)=3.0A
IF(AV)
Max.
Average
Forward
Rectified
Current
3.0
A
TA=55°C
IFSM
Peak
Forward
Surge
Current
150
A
TA=55°C,
See note 1
DO-201AD


Similar Part No. - UF5406

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5406 JGD-UF5406 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5406 SAMYANG-UF5406 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Yea Shin Technology Co....
UF5406 YEASHIN-UF5406 Datasheet
98Kb / 3P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 3.0A
logo
Jinan Jing Heng Electro...
UF5406 JINGHENG-UF5406 Datasheet
63Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
UF5406 GOOD-ARK-UF5406 Datasheet
156Kb / 2P
   Glass Passivated High Efficient Rectifiers 1000 Volts Forward Current 3.0 Amperes
More results

Similar Description - UF5406

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TUF301 TAITRON-TUF301 Datasheet
137Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
   3.0A Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
FR301 NJSEMI-FR301 Datasheet
129Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Zibo Seno Electronic En...
PR3001 ZSELEC-PR3001 Datasheet
135Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR305-T DIODES-FR305-T Datasheet
50Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MR850 TAITRON-MR850 Datasheet
133Kb / 4P
   3.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR3001 DIODES-PR3001_1 Datasheet
368Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. 4 - 2
logo
Won-Top Electronics
FR301 WTE-FR301 Datasheet
46Kb / 3P
   3.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR301 DIODES-FR301 Datasheet
57Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26003 Rev. C-3
PR3001 DIODES-PR3001 Datasheet
61Kb / 2P
   3.0A FAST RECOVERY RECTIFIER
DS26014 Rev. A1-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com