Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANC2405UW12-S Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANC2405UW12-S
Description  DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANC2405UW12-S Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANC2405UW12-S Datasheet HTML 1Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 2Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 3Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 4Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 5Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 6Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 7Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 8Page - Wall Industries,Inc. LANC2405UW12-S Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TECHNICAL DATASHEET
LANC2405UW12
(888) 597-WALL
www.wallindustries.com
Page 4 of 14
Output Over Voltage Protection
The output over-voltage protection consists of an output Zener diode that monitors the voltage on the output
terminals. If the voltage on the output terminals exceeds the over-voltage protection threshold, then the Zener
diode clamps the output voltage.
Input Source Impedance
The power module should be connected to a low impedance input source. Highly inductive source impedance
can affect the stability of the power module. Input external L-C filter is recommended to minimize input
reflected ripple current. The inductor is simulated source impedance of 12µH and capacitor is Nippon chemi-con
KZE series 47µF/100V. The capacitor must as close as possible to the input terminals of the power module for
lower impedance.
DESIGN CONSIDERATIONS:
Output Over Current Protection
When excessive output currents occur in the system, circuit protection is required on all power supplies.
Normally, overload current is maintained at approximately 150% of rated current for the LANCUW12 single
output series.
Fold back-mode is a method of operation in a power supply whose purpose is to protect the power supply from
being damaged during an over-current fault condition. It also enables the power supply to operate normally when
the fault is removed.
One of the problems resulting from over current is that excessive heat may be generated in power devices;
especially MOSFET and Schottky diodes and the temperature of those devices may exceed their specified limits.
A protection mechanism has to be used to prevent those power devices from being damaged.
The operation of fold back is as follows. When the current sense circuit sees an over-current event, the output
voltage of the module will be decreased for low power dissipation and decrease the heat of the module.
Figure 2


Similar Part No. - LANC2405UW12-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC2405UW12 WALL-LANC2405UW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
More results

Similar Description - LANC2405UW12-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANC485.1W12 WALL-LANC485.1W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 5.1 VDC Output at 2.4A
LANC245.1W12 WALL-LANC245.1W12 Datasheet
1,023Kb / 14P
   DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
LANC125.1W12 WALL-LANC125.1W12 Datasheet
889Kb / 14P
   DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
LANC4805UW12 WALL-LANC4805UW12 Datasheet
916Kb / 14P
   DC/DC Converter 18-75 VDC Input 5.1 VDC Output at 2.4A
LANC2412UW12 WALL-LANC2412UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
LANC2415UW12 WALL-LANC2415UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC4815DW8 WALL-LANC4815DW8 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 짹15 VDC Output at 짹0.267A
LANC4815W12 WALL-LANC4815W12 Datasheet
1Mb / 14P
   DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com