Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TZM5221B Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part No. TZM5221B
Description  500mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAITRON [TAITRON Components Incorporated]
Homepage  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZM5221B Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  TZM5221B Datasheet HTML 1Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 2Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 3Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 4Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
500mW Surface Mount Zener Diodes
TZM5221B - TZM5267B
Rev. C/AH 2008-02-28
www.taitroncomponents.com
Page 3 of 5
Fig.1 Power Derating Curve
Ambient Temperature Ta (°C)
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
TZM5252B
5252
24
22.80
25.20
5.2
33.0
600
0.25
0.1
18.0
TZM5253B
5253
25
23.75
26.25
5.0
35.0
600
0.25
0.1
19.0
TZM5254B
5254
27
25.65
28.35
4.6
41.0
600
0.25
0.1
21.0
TZM5255B
5255
28
26.60
29.40
4.5
44.0
600
0.25
0.1
21.0
TZM5256B
5256
30
28.50
31.50
4.2
49.0
600
0.25
0.1
23.0
TZM5257B
5257
33
31.35
34.65
3.8
58.0
700
0.25
0.1
25.0
TZM5258B
5258
36
34.20
37.80
3.4
70.0
700
0.25
0.1
27.0
TZM5259B
5259
39
37.05
40.95
3.2
80.0
800
0.25
0.1
30.0
TZM5260B
5260
43
40.85
45.15
3.0
93.0
900
0.25
0.1
33.0
TZM5261B
5261
47
44.65
49.35
2.7
105.0
1000
0.25
0.1
36.0
TZM5262B
5262
51
48.45
53.55
2.5
125.0
1100
0.25
0.1
39.0
TZM5263B
5263
56
53.20
58.80
2.2
150.0
1300
0.25
0.1
43.0
TZM5264B
5264
60
57.00
63.00
2.1
170.0
1400
0.25
0.1
46.0
TZM5265B
5265
62
58.90
65.10
2.0
185.0
1400
0.25
0.1
47.0
TZM5266B
5266
68
64.60
71.40
1.8
230.0
1600
0.25
0.1
52.0
TZM5267B
5267
75
71.25
78.75
1.7
270.0
1700
0.25
0.1
56.0
Note: Marking code is available in 2008.
Characteristics Curves


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CZRT5221-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
ZMD1Surface mount diode Zener silicon diodes 1 Semikron International
BZX84CSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
CZRT55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
BZX584C2V4SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
CZRW5221B-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
BZM55-C2V4SURFACE MOUNT ZENER DIODES 1 2 3 Pan Jit International Inc.
BZX784C2V4SURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 Pan Jit International Inc.
Z1SMA1_07Surface mount diode Zener silicon diodes 1 2 3 Semikron International

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn