Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZM5221B Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TZM5221B
Description  500mW Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TZM5221B Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TZM5221B Datasheet HTML 1Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 2Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 3Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 4Page - TAITRON Components Incorporated TZM5221B Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
500mW Surface Mount Zener Diodes
TZM5221B - TZM5267B
Rev. C/AH 2008-02-28
www.taitroncomponents.com
Page 2 of 5
Normal Zener Voltage
Max. Zener impedance
Max. reverse
leakage current
VZ @ IZT
ZZT @ IZT
Zzk @ Izk
ID @ VR
P/N
Marking
Code
Nom.(V)
Min. (V)
Max. (V)
IZT (mA)
mA
µA
VR (V)
TZM5221B
5221
2.4
2.28
2.52
20.0
30.0
1200
0.25
100
1.0
TZM5222B
5222
2.5
2.38
2.63
20.0
30.0
1200
0.25
100
1.0
TZM5223B
5223
2.7
2.57
2.84
20.0
30.0
1300
0.25
75
1.0
TZM5224B
5224
2.8
2.66
2.94
20.0
30.0
1400
0.25
75
1.0
TZM5225B
5225
3.0
2.85
3.15
20.0
29.0
1600
0.25
50
1.0
TZM5226B
5226
3.3
3.14
3.47
20.0
28.0
1600
0.25
25
1.0
TZM5227B
5227
3.6
3.42
3.78
20.0
24.0
1700
0.25
15
1.0
TZM5228B
5228
3.9
3.71
4.10
20.0
23.0
1900
0.25
10
1.0
TZM5229B
5229
4.3
4.09
4.52
20.0
22.0
2000
0.25
5.0
1.0
TZM5230B
5230
4.7
4.47
4.94
20.0
19.0
1900
0.25
5.0
2.0
TZM5231B
5231
5.1
4.85
5.36
20.0
17.0
1600
0.25
5.0
2.0
TZM5232B
5232
5.6
5.32
5.88
20.0
11.0
1600
0.25
5.0
3.0
TZM5233B
5233
6.0
5.70
6.30
20.0
7.0
1600
0.25
5.0
3.5
TZM5234B
5234
6.2
5.89
6.51
20.0
7.0
1000
0.25
5.0
4.0
TZM5235B
5235
6.8
6.46
7.14
20.0
5.0
750
0.25
3.0
5.0
TZM5236B
5236
7.5
7.13
7.88
20.0
6.0
500
0.25
3.0
6.0
TZM5237B
5237
8.2
7.79
8.61
20.0
8.0
500
0.25
3.0
6.5
TZM5238B
5238
8.7
8.27
9.14
20.0
8.0
600
0.25
3.0
6.5
TZM5239B
5239
9.1
8.65
9.56
20.0
10.0
600
0.25
3.0
7.0
TZM5240B
5240
10
9.50
10.50
20.0
17.0
600
0.25
3.0
8.0
TZM5241B
5241
11
10.45
11.55
20.0
22.0
600
0.25
2.0
8.4
TZM5242B
5242
12
11.40
12.60
20.0
30.0
600
0.25
1.0
9.1
TZM5243B
5243
13
12.35
13.65
9.5
13.0
600
0.25
0.5
9.9
TZM5244B
5244
14
13.30
14.70
9.0
15.0
600
0.25
0.1
10.0
TZM5245B
5245
15
14.25
15.75
8.5
16.0
600
0.25
0.1
11.0
TZM5246B
5246
16
15.20
16.80
7.8
17.0
600
0.25
0.1
12.0
TZM5247B
5247
17
16.15
17.85
7.4
19.0
600
0.25
0.1
13.0
TZM5248B
5248
18
17.10
18.90
7.0
21.0
600
0.25
0.1
14.0
TZM5249B
5249
19
18.05
19.95
6.6
23.0
600
0.25
0.1
14.0
TZM5250B
5250
20
19.00
21.00
6.2
25.0
600
0.25
0.1
15.0
TZM5251B
5251
22
20.90
23.10
5.6
29.0
600
0.25
0.1
17.0


Similar Part No. - TZM5221B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
81Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 21-Mar-06
TZM5221B VISHAY-TZM5221B Datasheet
78Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
TZM5221B VISHAY-TZM5221B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
TZM5221B VISHAY-TZM5221B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results

Similar Description - TZM5221B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
ZMMC2V4 TAITRON-ZMMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
MMSZ5221B CHENG-YI-MMSZ5221B Datasheet
734Kb / 4P
   500mW SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
MMSZ4678 SUNMATE-MMSZ4678 Datasheet
316Kb / 2P
   500mW Surface Mount Zener Diodes
logo
TAITRON Components Inco...
ZMM5221B TAITRON-ZMM5221B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
TZMC2V4 TAITRON-TZMC2V4 Datasheet
199Kb / 5P
   500mW Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMSZ2V4 SUNMATE-MMSZ2V4 Datasheet
387Kb / 3P
   500mW Surface Mount Zener Diodes
MMSZ5221 SUNMATE-MMSZ5221 Datasheet
224Kb / 2P
   500mW Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
   500mW Surface Mount Zener Diodes - 2.0V-100V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com