Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTPB160 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMTPB160
Description  TRISILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMTPB160 Datasheet(HTML) 5 Page - STMicroelectronics

  SMTPB160 Datasheet HTML 1Page - STMicroelectronics SMTPB160 Datasheet HTML 2Page - STMicroelectronics SMTPB160 Datasheet HTML 3Page - STMicroelectronics SMTPB160 Datasheet HTML 4Page - STMicroelectronics SMTPB160 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA.
SMC
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
E
C
L
E2
E1
D
A1
A2
b
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Packaging : Standardpackaging is in tapeand reel
Weight : 0.25g.
FOOTPRINT DIMENSIONS (in millimeters)
SMC
2.0
4.2
2.0
3.3
ORDER CODE
SM
TPB 100
TRISIL PROTECTION 100 A
VOLTAGE
SURFACE MOUNT
Marking : Logo, date code, type code.
SMTPBxxx
5/5


Similar Part No. - SMTPB160

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SMTPB100 BILIN-SMTPB100 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB100 TAYCHIPST-SMTPB100 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB120 BILIN-SMTPB120 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
logo
Shenzhen Taychipst Elec...
SMTPB120 TAYCHIPST-SMTPB120 Datasheet
18Mb / 2P
   TELECOMMUNICATION PROTECTION
logo
Galaxy Semi-Conductor H...
SMTPB130 BILIN-SMTPB130 Datasheet
281Kb / 4P
   TELECOMMUNICATION PROTECTION BREAKDOWN VOLTAGE: 62 --- 270 V
More results

Similar Description - SMTPB160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
   TRISILTM
September 1998 Ed : 3A
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
   TRISILTM
January 2000 - Ed: 5B
TP30 STMICROELECTRONICS-TP30 Datasheet
64Kb / 6P
   TRISILTM
November 1998 - Ed: 5A
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
   TRISILTM FOR LINE CARD PROTECTION
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
   TRISILTM FOR TELECOM EQUIPMENT PROTECTION
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
   TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com