Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD2931-10 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD2931-10
Description  RF power transistors HF/VHF/UHF N-channel MOSFETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD2931-10 Datasheet HTML 5Page - STMicroelectronics SD2931-10 Datasheet HTML 6Page - STMicroelectronics SD2931-10 Datasheet HTML 7Page - STMicroelectronics SD2931-10 Datasheet HTML 8Page - STMicroelectronics SD2931-10 Datasheet HTML 9Page - STMicroelectronics SD2931-10 Datasheet HTML 10Page - STMicroelectronics SD2931-10 Datasheet HTML 11Page - STMicroelectronics SD2931-10 Datasheet HTML 12Page - STMicroelectronics SD2931-10 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SD2931-10
Test circuit
9/16
Figure 15.
175 MHz test circuit photomaster
Component
Description
C5
120 pF ATC chip cap
C6
0.01
µF ATC chip cap
C7
30 pF ATC chip cap
C10
91 pF ATC chip cap
C12, C15
1200 pF ATC chip cap
C13, C14,C16, C17
0.01
µF / 500 V chip cap
C18
10
µF 63 V electrolytic capacitor
Table 8.
Component part list (continued)
6.4 inches


Similar Part No. - SD2931-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
logo
List of Unclassifed Man...
SD2931-10 ETC1-SD2931-10 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
SD2931-10W STMICROELECTRONICS-SD2931-10W Datasheet
275Kb / 19P
   RF power transistor: HF/VHF/UHF N-channel power MOSFETs
More results

Similar Description - SD2931-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2921-10 STMICROELECTRONICS-SD2921-10 Datasheet
195Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10 Datasheet
199Kb / 10P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2904 STMICROELECTRONICS-SD2904 Datasheet
191Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2922 STMICROELECTRONICS-SD2922 Datasheet
208Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
November 1999
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2902 STMICROELECTRONICS-SD2902 Datasheet
210Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com