Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30150CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR30150CT
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30150CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR30150CT_08 Datasheet HTML 1Page - Diodes Incorporated SBR30150CT_08 Datasheet HTML 2Page - Diodes Incorporated SBR30150CT_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR30150CT
SBR30150CTFP
SBR is a registered trademark of Diodes Incorporated.
0
5
10
15
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (°C)
0.1
1
10
100
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Tj=25
°C
Tj=125
°C
Tj=175
°C
Tj=75
°C
Figure 1: Current Derating Curve, Per Element
Figure 2: Typical Forward Characteristics, Per Element
0.001
0.01
0.1
1
10
100
0
25
50
75
100
125
150
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Tj=25°C
Tj=125°C
Tj=75°C
Tj=175°C
Figure 3: Typical Reverse Characteristics, Per Element
Ordering Information (Note 3)
Part Number
Case
Packaging
SBR30150CT
TO-220AB
50 pieces/tube
SBR30150CTFP
ITO-220AB
50 pieces/tube
Notes:
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
YYWW
AB
SBR30150CTFP
SBR30150CT
YYWW
AB
SBR30150CT = Product Type Marking Code
AB = Foundry and Assembly Code
SBR30150CTFP = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YYWW = Date Code Marking
YY = Last two digits of year, ex: 06 = 2006
YY = Last two digits of year, ex: 06 = 2006
WW = Week (01-52)
WW = Week (01-52)
SBR30150
Document number: DS30971 Rev. 3 - 2
2 of 3
www.diodes.com
March 2008
© Diodes Incorporated


Similar Part No. - SBR30150CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30150CT-G DIODES-SBR30150CT-G Datasheet
171Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30150CTFP DIODES-SBR30150CTFP Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30150 Rev. 2
SBR30150CTFP DIODES-SBR30150CTFP Datasheet
171Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBR30150CTFP ISC-SBR30150CTFP Datasheet
251Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR30150CTFP-G DIODES-SBR30150CTFP-G Datasheet
171Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30150CT_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com