Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX5032SB16000F0FLJZZ Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation

Part # CX5032SB16000F0FLJZZ
Description  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX5032SB16000F0FLJZZ Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation

Back Button CX5032SB16000F0FLJZZ Datasheet HTML 2Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 3Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 4Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 5Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation CX5032SB16000F0FLJZZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Pb Free
RoHS Compliant
Features
• Reference frequency
for telecommunication systems
• Reflow compatible
• Using ceramic package resulting
in high reliability
• Small and low profile
Applications
• Mobile Communications, Bluetooth,
Wireless LAN
Dimensions
(Unit : mm)
Recommended Land Pattern
(Unit : mm)
Terminals 2 and 4 need to be
connected to the case.
7.0
2.1
4.55
2.45
2.45
4.90.1
3.10.1
CONNECTION
(TOP VIEW)
0.70.1
1.3
2.3
1.3
0.9
4-R0.2
GND
HOT
HOT
GND
#4
#3
#4
#3
#1
#2
#1
#2
#4
#3
#1
#2
Specifications
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CX5032SB 26000 F0 F L J ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
12000
12800
13000
14400
16000
12000.000
12800.000
13000.000
14400.000
16000.000
19200
26000
32000
40000
48000
19200.000
26000.000
32000.000
40000.000
48000.000
10pF
1010-6
30°C to 85°C
1510-6
F0
F
L
J
ZZ
Custom Specification
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
9843.75 to 49999
Fundamental
10
15
Table 1
Table 2
10
30 to 85
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
50 to 120(MHz)
3rd Overtone
* Please inqurie about specifications other than the above.
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
Frequency Range
Level of Drive
Units
W
9843.75 to 49999kHz
50 to 120(MHz)(3rdO.T)
10 (100 max.)
10 (100 max.)
Table1 Motional Series Resistances
Table2 Level of Drive
Frequency Range
Motional Series Resistance
Units
ohm
150
80
50
40
80
9843.75 to 9999kHz
10000 to 11999kHz
12000 to 25999kHz
26000 to 49999kHz
50 to 120(MHz)
5.0×3.2mm for Mobile Communications, SRWI
Crystal Units
Surface Mount Type CX5032SB (CX-96F)
- 39 -


Similar Part No. - CX5032SB16000F0FLJZZ

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
CX5032SB KSS-CX5032SB Datasheet
70Kb / 1P
   Crystal units surface mount type
CX5032SB26000H0FLJZ1 KSS-CX5032SB26000H0FLJZ1 Datasheet
70Kb / 1P
   Crystal units surface mount type
More results

Similar Description - CX5032SB16000F0FLJZZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com