Electronic Components Datasheet Search |
|
CX3225SB26000D0FLJZZ Datasheet(PDF) 6 Page - Kyocera Kinseki Corpotation |
|
CX3225SB26000D0FLJZZ Datasheet(HTML) 6 Page - Kyocera Kinseki Corpotation |
6 / 27 page Pb Free RoHS Compliant Features • Reference frequency for telecommunication systems • Reflow compatible • Using ceramic package resulting in high reliability • Small and low profile Applications • Mobile Communications, Bluetooth, Wireless LAN Dimensions (Unit : mm) Recommended Land Pattern (Unit : mm) Terminals 2 and 4 need to be connected to the case. 7.0 2.1 4.55 2.45 2.45 4.90.1 3.10.1 CONNECTION (TOP VIEW) 0.70.1 1.3 2.3 1.3 0.9 4-R0.2 GND HOT HOT GND #4 #3 #4 #3 #1 #2 #1 #2 #4 #3 #1 #2 Specifications How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CX5032SB 26000 F0 F L J ZZ Code Freq.(kHz) Code Freq.(kHz) 12000 12800 13000 14400 16000 12000.000 12800.000 13000.000 14400.000 16000.000 19200 26000 32000 40000 48000 19200.000 26000.000 32000.000 40000.000 48000.000 10pF 1010-6 30°C to 85°C 1510-6 F0 F L J ZZ Custom Specification Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 9843.75 to 49999 Fundamental 10 15 Table 1 Table 2 10 30 to 85 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range 50 to 120(MHz) 3rd Overtone * Please inqurie about specifications other than the above. Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range Frequency Range Level of Drive Units W 9843.75 to 49999kHz 50 to 120(MHz)(3rdO.T) 10 (100 max.) 10 (100 max.) Table1 Motional Series Resistances Table2 Level of Drive Frequency Range Motional Series Resistance Units ohm 150 80 50 40 80 9843.75 to 9999kHz 10000 to 11999kHz 12000 to 25999kHz 26000 to 49999kHz 50 to 120(MHz) 5.0×3.2mm for Mobile Communications, SRWI Crystal Units Surface Mount Type CX5032SB (CX-96F) - 39 - |
Similar Part No. - CX3225SB26000D0FLJZZ |
|
Similar Description - CX3225SB26000D0FLJZZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |