Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437464Q24V Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V437464Q24V
Description  3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437464Q24V Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V437464Q24V Datasheet HTML 2Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 3Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 4Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 5Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 6Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 7Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 8Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 9Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
V437464Q24V Rev. 1.0 January 2002
MOSEL VITELIC
V437464Q24V
28
Minimum Row Active to Row Active Delay
tRRD
14 ns/15 ns/16 ns
0E
0F
10
29
Minimum RAS to CAS Delay tRCD
15 ns/20 ns
14
14
14
30
Minimum RAS Pulse Width tRAS
42 ns/45 ns
2D
2D
2D
31
Module Bank Density (Per Bank)
512 MByte
80
80
80
32
SDRAM Input Setup Time
1.5 ns/2 ns
15
15
20
33
SDRAM Input Hold Time
0.8 ns/1 ns
08
08
10
34
SDRAM Data Input Setup Time
1.5 ns/2 ns
15
15
20
35
SDRAM Data Input Hold Time
0.8 ns/1 ns
08
08
10
36-61
Superset Information (May be used in Fu-
ture)
00
00
00
62
SPD Revision
Revision 2/1.2
02
02
12
63
Checksum for Bytes 0 - 62
46
8B
F9
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
40
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
00
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V437464Q24V
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
00
00
126
Intel Specification for Frequency
100 MHz
64
64
64
127
Detailed Information
128+
Unused Storage Location
00
08
08
SPD-Table for modules: (Continued)
Byte Num-
ber
Function Described
SPD Entry Value
Hex Value
-75PC
-75
-10PC


Similar Part No. - V437464Q24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-10PC MOSEL-V437464E24VXTG-10PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75 MOSEL-V437464E24VXTG-75 Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75PC MOSEL-V437464E24VXTG-75PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
More results

Similar Description - V437464Q24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com