Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V437464Q24V Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V437464Q24V
Description  3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V437464Q24V Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V437464Q24V Datasheet HTML 1Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 2Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 3Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 4Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 5Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 6Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 7Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 8Page - Mosel Vitelic, Corp V437464Q24V Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOSEL VITELIC
1
V437464Q24V
3.3VOLT64M x72HIGH PERFORMANCE
UNBUFFERED ECC SDRAM MODULE
PRELIMINARY
V437464Q24V Rev. 1.0 January 2002
Features
s 168 Pin Unbuffered ECC 67,108,864 x 72 bit
Oganization SDRAM Modules
s Utilizes High Performance 64M x 4 SDRAM in
TSOPII-54 Packages
s Fully PC Board Layout Compatible to INTEL’S
Rev 1.2 Module Specification
s Single +3.3V (± 0.3V) Power Supply
s Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
s Auto Refresh (CBR) and Self Refresh
s All Inputs, Outputs are LVTTL Compatible
s 8192 Refresh Cycles every 64 ms
s Serial Present Detect (SPD)
Description
The V437464Q24V memory module is organized
67,108,864 x 72 bits in a 168 pin dual in line
memory module (DIMM). The 64M x 72 unbuffered
DIMM uses 18 Mosel-Vitelic 64M x 4 ECC SDRAM.
The x72 unbuffered modules are ideal for use in
high
performance
computer
systems
where
increased memory density and fast access times
are required.
Part Number
Speed
Grade
Configuration
V437464Q24VXTG-75PC
-75PC, CL=3,2
(133 MHz)
64M x 72
V437464Q24VXTG-75
-75, CL=3
(133 MHz)
64M x 72
V437464Q24VXTG-10PC
-10PC, CL=3,2
(100 MHz)
64M x 72


Similar Part No. - V437464Q24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464C24V MOSEL-V437464C24V Datasheet
325Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE PC133 REGISTERED PLL ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-10PC MOSEL-V437464E24VXTG-10PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75 MOSEL-V437464E24VXTG-75 Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464E24VXTG-75PC MOSEL-V437464E24VXTG-75PC Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
More results

Similar Description - V437464Q24V

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437316S04V MOSEL-V437316S04V Datasheet
338Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-10PC MOSEL-V43728S04VCTG-10PC Datasheet
60Kb / 11P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V43728S04VCTG-75 MOSEL-V43728S04VCTG-75 Datasheet
204Kb / 12P
   3.3 VOLT 8M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-75 MOSEL-V437216S04VCTG-75 Datasheet
248Kb / 12P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE
V437216S04VCTG-10PC MOSEL-V437216S04VCTG-10PC Datasheet
67Kb / 11P
   3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com